Electronic Components Datasheet Search |
|
2N3866A Datasheet(PDF) 2 Page - Semicoa Semiconductor |
|
2N3866A Datasheet(HTML) 2 Page - Semicoa Semiconductor |
2 / 2 page Data Sheet No. 2N3866A OFF Characteristics Symbol Min Max Unit Collector-Base Breakdown Voltage IC = 100 µA, pulsed Collector-Emitter Breakdown Voltage IC = 5 mA, pulsed Collector-Emitter Breakdown Voltage IC = 40 mA, VBE = -5V, clamped Emitter-Base Breakdown Voltage IE = 100 µA, pulsed Collector-Emitter Cutoff Current VCE = 55 V Collector-Emitter Cutoff Current VCE = 55 V, TA = +150 oC Collector-Emitter Cutoff Current VCE = 28 V Electrical Characteristics TC = 25 oC unless otherwise specified V(BR)CBO 60 --- V V(BR)CEO 30 --- V V V(BR)EBO 3.5 --- ICES --- 100 µA ICES2 --- 2.0 mA ICEO --- 20 µA V(BR)CEC 55 --- --- ON Characteristics Symbol Min Max Unit Forward Current Transfer Ratio IC = 50 mA, VCE = 5.0 V (pulsed) hFE1 25 200 --- IC = 360 mA, VCE = 5.0 V (pulsed) hFE2 8.0 --- --- IC = 50 mA, VCE = 5.0 V (pulsed), TA = -55 oC hFE3 12 --- --- Collector-Emitter Saturation Voltage IC = 100 mA, IB = 10 mA (pulsed) VCE(sat) --- 1.0 V dc Power Output VCC = 28 V, PIN = 0.15 W, f = 400 MHz P1out 1.0 2.0 W Power Output VCC = 28 V, PIN = 0.075 W, f = 400 MHz P2out 0.5 --- W Collector Efficiency VCC = 28 V, PIN = 0.15 W, f = 400 MHz n1 45 --- % Collector Efficiency VCC = 28 V, PIN = 0.075 W, f = 400 MHz n2 40 --- % Small Signal Characteristics Symbol Min Max Unit Magnitude of Common Emitter, Small Signal, Short Circuit Current Transfer Ratio IC = 50 mA, VCE = 15 V, f = 200 Open Circuit Output Capacitance VCB = 28 V, IE = 0 |hFE| 4.0 7.5 --- pF COBO --- 3.5 |
Similar Part No. - 2N3866A |
|
Similar Description - 2N3866A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |