Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-2201-EAE-2580-12M80 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OX-2201-EAE-2580-12M80
Description  OCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-2201-EAE-2580-12M80 Datasheet(HTML) 1 Page - Vectron International, Inc

  OX-2201-EAE-2580-12M80 Datasheet HTML 1Page - Vectron International, Inc OX-2201-EAE-2580-12M80 Datasheet HTML 2Page - Vectron International, Inc OX-2201-EAE-2580-12M80 Datasheet HTML 3Page - Vectron International, Inc OX-2201-EAE-2580-12M80 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OX-2201-EAE-2580-12M80
Preliminary version: Subject to technical modification.
OCXO
www.vectron.com
modified 2011-05-25 by Göhrig, Detlef Index : P2
printed 2011-05-26 • page 1 of 4
Vectron International • Product Specifications OX-2201-EAE-2580
Nominal frequency (f0)
12.8 MHz
Frequency stabilities
Parameter
Frequency stability
Operating temp. range
vs. operating temp. range (df/f@25 °C)
-25 to 25 ppb
-40 ... 85 °C
Parameter
Value
Condition
initial tolerance (df/f0)
-200 to 200 ppb
@25 °C
vs. supply voltage change (df/f)
-5 to 5 ppb
static; 3.3 V ±5 %
vs. load change (df/f)
-5 to 5 ppb
static; Load ± 5 %
vs. aging / daily (df/f)
<± 1 ppb
after 30 days ; @ 25 °C
vs. aging / month (df/f)
<± 30 ppb
after 30 days ; @ 25 °C
vs. aging / year (df/f)
<± 100 ppb
after 30 days ; @ 25 °C
vs. aging / 10 years (df/f)
<± 1 ppm
after 30 days ; @ 25 °C
Drift 24h over -40..85°C: <50 ppb peak-peak
RF output
Parameter
Value
Condition
Signal
LVCMOS
Load
15 pF ±5 %
Rise Time
< 10 ns
@ 10 to 90 %Vout
Fall Time
< 10 ns
@ 90 to 10 %Vout
Duty cycle
40 / 60 %
@ 1.65 V
V Low
x < 0.4 V
V High
x > 2.4 V
Supply voltage
Parameter
Value
Condition
Supply voltage (Vs)
3.3 V ± 5 %
Current consumption steady state
< 400 mA
@ Vsnom & 25 °C
Current consumption during warm up
< 900 mA
@ Vs
Additional Parameters
Parameter
Typ.
Max.
Condition
Phase Noise
-90
-80
dBc/Hz@1Hz
-120
-115
dBc/Hz@10Hz
-145
-135
dBc/Hz@100Hz
-150
-140
dBc/Hz@1kHz
-150
-145
dBc/Hz@10kHz
Parameter
Value
Condition
Warm-up time
< 5 min
@ 25 °C to final frequency
Processing & Packing
handling&processing note
Additional environmental conditions
Rapid temperature changes
MIL-883-1010 Cond B 1000 cycles -55/125°C
Vibration
MIL-STD-883 Meth 2007 Cond A 20G 20-2000Hz 4x in each 3axis 4 min
Shock
MIL-STD-202 Meth 213 Cond.C 100G 6ms 6 shocks in each direction
Solderability
J_STD_002B Cond A leaded/ Cond. B SMD 245°C (diving Ti me 5 ±0,5sec.)
DipLook with 8h damp pre-treatment: solder wetting >95%
Solvent resistance
MIL-STD-883 Meth 2015 Solv. 1,3,4
ESD
HBM JESD22-A114-A Class 2 10* 2000V
Moisture Sensit.
Level 1 JESD22-A113-B
RoHS compliance
100% ROHS compliant
Washable
non-washable device


Similar Part No. - OX-2201-EAE-2580-12M80

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
More results

Similar Description - OX-2201-EAE-2580-12M80

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
OX-221-9102-49M152 VECTRON-OX-221-9102-49M152 Datasheet
686Kb / 9P
   OCXO
OX-221-9100-20M000 VECTRON-OX-221-9100-20M000 Datasheet
685Kb / 9P
   OCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com