Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI15-033-Q12PML1-C Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-033-Q12PML1-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-033-Q12PML1-C Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button UEI15-033-Q12PML1-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. UEI15-033-Q12PML1-C Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
PERFORMANCE DATA
Efficiency vs. Line Voltage and Load Current @ 25°C
UEI15-120-Q48
Maximum Current Temperature Derating @Sea Level
(VIN = 24V or 48V, airflow is from pin 2 to pin 1)
Load Current (Amps)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
70
72
74
76
78
80
82
84
86
88
90
Vin = 48 V
Vin = 75 V
Vin = 18 V
Vin = 24 V
Ambient Temperature (°C)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
40
45
50
55
60
65
70
75
80
85
Natural Convection
Efficiency vs. Line Voltage and Load Current @ 25°C
Efficiency vs. Line Voltage and Load Current @ 25°C
UEI15-150-Q12
Maximum Current Temperature Derating @Sea Level
(VIN = 12V and 24V, airflow is from input to output)
Maximum Current Temperature Derating @Sea Level
(VIN = 24V and 48V, airflow is from input to output)
Load Current (Amps)
74
76
78
80
82
84
86
88
90
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Vin = 24 V
Vin = 36 V
Vin = 9 V
Load Current (Amps)
60
65
70
75
80
85
90
95
0.07
0.18
0.28
0.38
0.49
0.59
0.69
0.80
0.90
1.00
1.10
Vin = 24 V
Vin = 48 V
Vin = 75 V
Vin = 18 V
UEI15-150-Q48
Ambient Temperature (°C)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
40
45
50
55
60
65
70
75
80
85
Natural Convection
Ambient Temperature (°C)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
40
45
50
55
60
65
70
75
80
85
Natural Convection
14 Mar 2011
MDC_UEI15W.B42 Page 11 of 16


Similar Part No. - UEI15-033-Q12PML1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-033-Q12P-C MURATA-UEI15-033-Q12P-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15-033-Q12P-C MURATA-UEI15-033-Q12P-C Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15-033-Q12P-C MURATA-PS-UEI15-033-Q12P-C Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-033-Q12PML1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com