Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI30-050-Q48NL1-C Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # UEI30-050-Q48NL1-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI30-050-Q48NL1-C Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button UEI30-050-Q48NL1-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. UEI30-050-Q48NL1-C Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
03 Feb 2011
MDC_UEI Series 30W.A14 Page 11 of 16
PERFORMANCE DATA
Efficiency vs. Line Voltage and Load Current @ 25°C
Efficiency vs. Line Voltage and Load Current @ 25°C
UEI30-033-Q12
UEI30-033-Q48
UEI30-033-Q48
Maximum Current Temperature Derating @Sea Level
(VIN = 12V, airflow is from input to output)
Maximum Current Temperature Derating @Sea Level
(VIN = 24V, airflow is from input to output)
Maximum Current Temperature Derating @Sea Level
(VIN = 48V, airflow is from input to output)
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
Natural convection
100 LFM
200 LFM
300 LFM
400 LFM
Ambient Temperature (ºC)
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
8.5
8.6
8.7
8.8
8.9
9
9.1
Natural convection
100 LFM
200 LFM
Ambient Temperature (ºC)
9
8.5
8.6
8.7
8.8
8.9
9.1
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Natural convection
100 LFM
200 LFM
Ambient Temperature (ºC)
60
65
70
75
80
85
90
12
3
4
5
6
78
9
0
Vin = 24 V
Vin = 36 V
Vin = 9 V
Vin = 12 V
Load Current (Amps)
20
30
40
50
60
70
80
90
100
12
34
5
6
78
9
0
Vin = 48 V
Vin = 75 V
Vin = 18 V
Vin = 24 V
Load Current (Amps)


Similar Part No. - UEI30-050-Q48NL1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-050-Q48N-C MURATA-UEI30-050-Q48N-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-050-Q48N-C MURATA-PS-UEI30-050-Q48N-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30-050-Q48N-C MURATA-PS-UEI30-050-Q48N-C Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
UEI30-050-Q48N-C MURATA-PS-UEI30-050-Q48N-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-050-Q48NL1-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com