Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI30-050-Q12PL2-C Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # UEI30-050-Q12PL2-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI30-050-Q12PL2-C Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button UEI30-050-Q12PL2-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12PL2-C Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
03 Feb 2011
MDC_UEI Series 30W.A14 Page 10 of 16
Mean Time Before Failure (MTBF) Table
These figures use a standard MTBF probability calculation as an indication of component parts stress and life derating. The calculaton is based on separate MTBF
values for all internal parts in addition to stated environmental conditions. Two MTBF values are presented. The Telcordia method is widely used in industry, partic-
ularly telecom. The United States MIL-HDBK method is for military and industrial applications. Please refer to a qualified reliability engineer for more background.
Model Number
MTBF (Hours)
Method [1,2]
UEI30-033-Q12N-C
2,676,902
Telcordia
UEI30-033-Q12N-C
2,123,124
MIL-HDBK
UEI30-033-Q12P-C
2,733,781
Telcordia
UEI30-033-Q12P-C
2,142,206
MIL-HDBK
UEI30-033-Q48N-C
3,416,592
Telcordia
UEI30-033-Q48N-C
3,172,548
MIL-HDBK
UEI30-033-Q48P-C
3,427,027
Telcordia
UEI30-033-Q48P-C
3,193,652
MIL-HDBK
UEI30-050-Q12N-C
2,531,509
Telcordia
UEI30-050-Q12N-C
2,207,508
MIL-HDBK
UEI30-050-Q12P-C
2,554,127
Telcordia
UEI30-050-Q12P-C
2,229,031
MIL-HDBK
UEI30-120-Q48N-C
3,072,461
Telcordia
UEI30-120-Q48N-C
2,510,927
MIL-HDBK
UEI30-120-Q48P-C
2,900,319
Telcordia
UEI30-120-Q48P-C
2,495,846
MIL-HDBK
UEI30-150-Q48N-C
2,833,366
Telcordia
UEI30-150-Q48N-C
2,408,836
MIL-HDBK
UEI30-150-Q48P-C
2,776,615
Telcordia
UEI30-150-Q48P-C
2,421,938
MIL-HDBK
Notes:
[1] Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-332 Method
1, Case 3, ISSUE 2, ground fixed controlled conditions, Tambient=+25°C, full output load,
natural air convection.
[2] Mean Time Before Failure is calculated using MIL-HDBK-217FN2, GB ground benign,
Tambient=+25°C, full output load, natural air convection.


Similar Part No. - UEI30-050-Q12PL2-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30-050-Q12P-C MURATA-UEI30-050-Q12P-C Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-050-Q12PL2-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com