Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2401P Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2401P
Description  Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2401P Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2401P Datasheet HTML 3Page - Maxim Integrated Products DS2401P Datasheet HTML 4Page - Maxim Integrated Products DS2401P Datasheet HTML 5Page - Maxim Integrated Products DS2401P Datasheet HTML 6Page - Maxim Integrated Products DS2401P Datasheet HTML 7Page - Maxim Integrated Products DS2401P Datasheet HTML 8Page - Maxim Integrated Products DS2401P Datasheet HTML 9Page - Maxim Integrated Products DS2401P Datasheet HTML 10Page - Maxim Integrated Products DS2401P Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS2401
9 of 11
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Lead Temperature (TO-92, TSOC, SOT-223 only; soldering, 10s)
+300°C
Soldering Temperature (reflow)
TO-92
+250°C
TSOC, SOT-223
+260°C
Flip Chip
+240°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Pullup Voltage
VPUP
2.8
6.0
V
2
Logic 1
VIH
2.2
V
1, 6
Logic 0
VIL
-0.3
+0.3
V
1
Output Logic-Low at 4mA
VOL
0.4
V
1
Input Load Current
IL
5
µ
A
3
Operating Charge
QOP
30
nC
7, 8
CAPACITANCE
(TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
I/O (1-Wire)
CIN/OUT
800
pF
9
AC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µ
s
Write 1 Low Time
tLOW1
1
15
µ
s
12
Write 0 Low Time
tLOW0
60
120
µ
s
Read Data Valid
tRDV
15
µ
s
11
Release Time
tRELEASE
0
15
45
µ
s
Read Data Setup
tSU
1
µ
s
5
Recovery Time
tREC
1
µ
s
Reset Time High
tRSTH
480
µ
s
4
Reset Time Low
tRSTL
480
960
µ
s
10
Presence Detect High
tPDH
15
60
µ
s
Presence Detect Low
tPDL
60
240
µ
s


Similar Part No. - DS2401P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2401P DALLAS-DS2401P Datasheet
151Kb / 10P
   Silicon Serial Number
logo
Maxim Integrated Produc...
DS2401P++ MAXIM-DS2401P+ Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
More results

Similar Description - DS2401P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
   Factory Programmed 128-bit Serial Number
logo
Microchip Technology
AT21CS01 MICROCHIP-AT21CS01 Datasheet
456Kb / 47P
   Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
2017
logo
ATMEL Corporation
AT24MAC602 ATMEL-AT24MAC602_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
   Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com