Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1804U-050 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1804U-050
Description  Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1804U-050 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1804U-050 Datasheet HTML 1Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 2Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 3Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 4Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 5Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 6Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 7Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 8Page - Maxim Integrated Products DS1804U-050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
FEATURES
 Single 100-Position Taper Potentiometer
 Nonvolatile (NV) On-Demand Wiper
Storage
 Operates from 3V or 5V Supplies
 Up/Down, Increment-Controlled Interface
 Available in 8-Pin (300 mils) DIP, 8-Pin
(150 mils) SO, and 8-Pin (118 mils) µSOP
 -40
°C to +85°C Operating Temperature
Range
 Standard Resistance Values:
DS1804-010: 10k
DS1804-050: 50k
DS1804-100: 100k
PIN ASSIGNMENT
PIN DESCRIPTION
H
- High-Terminal of Potentiometer
L
- Low-Terminal of Potentiometer
W
- Wiper of Potentiometer
VCC
- 3V or 5V Power Supply
CS
- Chip Select
U/ D
- Up/Down Control
INC
- Increment/Decrement Wiper Control
GND
- Ground
DESCRIPTION
The DS1804 NV trimmer potentiometer is a nonvolatile digital potentiometer that has 100 positions. The
device provides an ideal method for low-cost trimming applications using a CPU or manual control input
with minimal external circuitry. Wiper position of the DS1804 can be stored in EEPROM memory on
demand. The device’s wiper position is manipulated by a three-terminal port that provides an increment/
decrement counter controlled interface. This port consists of the control inputs CS , INC , and U/ D . The
DS1804 is available in three resistor grades, which include a 10k
Ω, 50kΩ, and 100kΩ. The device is
provided in an industrial temperature grade. Additionally, the DS1804 will operate from 3V or 5V
supplies and is ideal for portable application requirements. Three packaging options are available and
include the 8-pin (300 mils) DIP, 8-pin (150 mils) SO, and 8-pin (118 mils
) μSOP.
DS1804
Nonvolatile Trimmer Potentiometer
19-5876; Rev 6/11
INC
1
8
VCC
U/D
2
7
CS
H
3
6
L
GND
4
5
W
DIP (300 mils)
SO (150 mils)
μSOP (118 mils)


Similar Part No. - DS1804U-050

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804U-050 DALLAS-DS1804U-050 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1804U-050 MAXIM-DS1804U-050 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
More results

Similar Description - DS1804U-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
   Operates From a Single 3V to 5V Supply
Rev 1; 10/18
MAX22507EEVKIT MAXIM-MAX22507EEVKIT Datasheet
447Kb / 6P
   Operates from a Single 3V to 5V Supply
Rev 0; 3/21
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
   Operates From a Single 3V to 5V Supply
Rev 0; 8/17
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com