Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KML0D6NP20EA Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KML0D6NP20EA
Description  N and P-Ch Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KML0D6NP20EA Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KML0D6NP20EA Datasheet HTML 1Page - KEC(Korea Electronics) KML0D6NP20EA Datasheet HTML 2Page - KEC(Korea Electronics) KML0D6NP20EA Datasheet HTML 3Page - KEC(Korea Electronics) KML0D6NP20EA Datasheet HTML 4Page - KEC(Korea Electronics) KML0D6NP20EA Datasheet HTML 5Page - KEC(Korea Electronics) KML0D6NP20EA Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008. 9. 10
3/6
KML0D6NP20EA
Revision No : 3
Gate - Source Voltage VGS (V)
Fig 1. ID - VDS
Drain - Source Voltage VDS (V)
0.0
0.0
0.5
0.2
0.4
0.6
0.8
1.0
1.0
1.5
2.0
2.5
3.0
0.2
0.6
0.0
0.4
1.0
0.8
1.0
1.5
0.0
0.5
2.5
2.0
Fig 3. ID - VGS
Fig 6. IDR - VSDF
Fig 4. RDS(ON) - Tj
-50
-25
25
50
75
125
100
0
1
10
1000
100
0.4
1.4
0.8
1.0
1.2
0.2
0.6
0.0
Source - Drain Forward Voltage VSDF (V)
Fig 5. Vth - Tj
-50
-25
-0.2
-0.1
-0.3
0.3
-0.0
0.2
0.1
0.6
0.8
1.4
1.0
1.6
1.2
050
100
25
125
75
Junction Temperature Tj (
)
C
Junction Temperature Tj (
)
C
V
GS=1.8V
V
GS=5,4,3V
V
GS=2.0V
V
GS=2.5V
V
GS=1.0V
I
D = 250µA
V
GS = 4.5V
I
D = 350mA
25 C
-55 C
T
C=125 C
Drain - Current ID (A)
0.8
2.4
0.0
1.6
4.0
3.2
0.4
0.6
00.2
1.0
0.8
Fig 2. RDS(on) - ID
N-Channel
V
GS=2.5V
V
GS=4.5V
V
GS=1.8V
50 C
25 C
T
j=125 C


Similar Part No. - KML0D6NP20EA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KML0D6NP20EA KEC-KML0D6NP20EA_15 Datasheet
1Mb / 6P
   N and P-Ch Trench MOSFET
More results

Similar Description - KML0D6NP20EA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA7D0NP30Q KEC-KMA7D0NP30Q Datasheet
92Kb / 8P
   N and P-CH Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
   N and P-Ch Trench MOSFET
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
   N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA_15 Datasheet
1Mb / 6P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_11 Datasheet
1Mb / 9P
   N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA Datasheet
497Kb / 9P
   N and P-Ch Trench MOSFET
KMB3D5PS30QA KEC-KMB3D5PS30QA Datasheet
469Kb / 5P
   SBD and P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com