Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-55 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ADS-55
Description  55W Single Output with 5V,4A DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ADS-55 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ADS-55_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ADS-55_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(5512)
FileName:ADS-55-SPEC2010-10-18
CaseNo.901Unit:mm
AMBIENTTEMPERATURE(
)
-10
0
10
20
30
40
50
60
20
40
50
60
70
80
100
With18.2CFMmin.(10cm)
NOFAN
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
+5V
+12V
+5V
+12V
12
6
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
(HORIZONTAL)
4.5
3.5
2-M
3
152.5
150
6.5
78
24
159
22
117
3-M
3
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
3
4,7
2
5
6
8
Assignment
Assignment
AC/L
DCOUTPUT +V
NC
DC/DCOUTPUT +5V
AC/N
FG
DCOUTPUT COM
8
7
6
5
4
3
2
1
4.5
BlockDiagram
fosc:45KHz
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
REGULATOR
&
RECTIFIERS
SWITCHING
+V
+5V
COM
I/P
FG
CONTROL
PWM
55WSingleOutputwith5V,4A DC-DCConverter
A D S - 5 5 series


Similar Part No. - ADS-55_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ADS-5512 MEANWELL-ADS-5512 Datasheet
705Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
ADS-5524 MEANWELL-ADS-5524 Datasheet
705Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
More results

Similar Description - ADS-55_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ADS-55 MEANWELL-ADS-55 Datasheet
705Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
ADS-155 MEANWELL-ADS-155_10 Datasheet
355Kb / 2P
   155W Single Output with 5V, 3A DC-DC Converter
ADS-155 MEANWELL-ADS-155 Datasheet
427Kb / 2P
   155W Single Output with 5V, 3A DC-DC Converter
logo
Rohm
BP5225 ROHM-BP5225 Datasheet
631Kb / 3P
   DC/DC converter 5V/150mA output type
logo
Bel Fuse Inc.
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com