Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA104 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KRA104
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA104 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KRA104 Datasheet HTML 1Page - KEC(Korea Electronics) KRA104 Datasheet HTML 2Page - KEC(Korea Electronics) KRA104 Datasheet HTML 3Page - KEC(Korea Electronics) KRA104 Datasheet HTML 4Page - KEC(Korea Electronics) KRA104 Datasheet HTML 5Page - KEC(Korea Electronics) KRA104 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2011. 6. 14
5/6
KRA101~KRA106
Revision No : 1
I - V
I(OFF)
INPUT OFF VOLTAGE V
(V)
-0.6
-30
I(OFF)
INPUT OFF VOLTAGE V
(V)
O
I(OFF)
I - V
O
I(OFF)
I - V
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
O
I(OFF)
I - V
O
I(OFF)
I - V
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
O
I(OFF)
I - V
O
I(OFF)
-50
-100
-300
-500
-1k
-3k
-5k
-10k
KRA101
V =-5V
O
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-1.0
-1k
-50
-30
-100
-300
-500
-0.8
-10k
-5k
-3k
V =-5V
KRA103
O
-1.8
-1.4
-1.2
-1.6
-2.0
-0.4
-1k
0
-50
-30
-100
-300
-500
-0.2
-10k
-5k
-3k
V =-5V
KRA105
O
-1.2
-0.8
-0.6
-1.0
-1.4
-0.4
-1.0
0
-30
-0.2
KRA106
-500
-300
-100
-50
-10k
-3k
-1k
-5k
V =-5V
O
-100
-30
-50
-0.8
-1.2
-0.8
-0.6
-1.0
-1.4
-1.8
-1.4
-1.2
-1.6
-2.0
-1.0
-1k
-3k
-500
-300
-1k
-10k
-5k
KRA104
V =-5V
O
-0.6
-50
-30
-100
-300
-500
-0.8
-10k
-5k
-3k
V =-5V
KRA102
O
-1.8
-1.4
-1.2
-1.6
-2.0


Similar Part No. - KRA104

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA104 KEC-KRA104 Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA104M KEC-KRA104M Datasheet
595Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA104S KEC-KRA104S Datasheet
599Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA104S KEC-KRA104S Datasheet
125Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KRA104

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com