Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8007 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS8007
Description  Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8007 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS8007 Datasheet HTML 3Page - Maxim Integrated Products DS8007 Datasheet HTML 4Page - Maxim Integrated Products DS8007 Datasheet HTML 5Page - Maxim Integrated Products DS8007 Datasheet HTML 6Page - Maxim Integrated Products DS8007 Datasheet HTML 7Page - Maxim Integrated Products DS8007 Datasheet HTML 8Page - Maxim Integrated Products DS8007 Datasheet HTML 9Page - Maxim Integrated Products DS8007 Datasheet HTML 10Page - Maxim Integrated Products DS8007 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Multiprotocol Dual Smart Card Interface
_______________________________________________________________________________________
7
AC ELECTRICAL SPECIFICATIONS—TIMING PARAMETERS FOR MULTIPLEXED
PARALLEL BUS
(VDD = 3.3V, VDDA = 3.3V, TA = +25°C, unless otherwise noted.) (Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
XTAL1 Cycle Time
tCY(XTAL1)
50
ns
ALE Pulse Width
tW(ALE)
20
ns
Address Valid to ALE Low
tAVLL
10
ns
ALE Low to RD or WR Low
t(AL-RWL)
10
ns
Register URR
2 x tCY(XTAL1)
RD Pulse Width
tW(RD)
Other registers
10
ns
RD Low to Data Read Valid
t(RL-DV)
50
ns
WR/RD High to ALE High
t(RWH-AH)
10
ns
WR Pulse Width
tW(WR)
10
ns
Data Write Valid to WR Low
t(DV-WL)
10
ns
ALE
CS
D7–D0
RD
WR
ADDRESS
ADDRESS
DATA
(READ)
DATA
(WRITE)
tW(ALE)
tAVLL
t(AL-RWL)
tW(RD)
t(RL-DV)
t(RWH-AH)
t(DV-WL)
t(RWH-AH)
tW(WR)
Figure 1. Multiplexed Parallel Bus Timing


Similar Part No. - DS8007

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
DS8007-ENG++ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
DS8007A-EAG++ MAXIM-DS8007A-EAG+ Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
More results

Similar Description - DS8007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
NXP Semiconductors
TDA8008 PHILIPS-TDA8008 Datasheet
68Kb / 12P
   Dual multiprotocol smart card coupler
1999 Dec 14
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
NXP Semiconductors
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com