Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APV-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # APV-12
Description  12W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

APV-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  APV-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. APV-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:APV-12-SPEC2011-07-09
MechanicalSpecification
Unit:mm
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
0
10
20
30
40
50
70
20
40
60
80
100
(HORIZONTAL)
BlockDiagram
DETECTION
PWM
CIRCUIT
EMIFILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
50
12WSingleOutputSwitchingPowerSupply
A P V- 1 2 series
INPUTVOLTAGE(VAC)60Hz
90
100
200
220
210
230
250
240
264
90
100
80
70
60
50
40
fosc:67KHz
RECTIFIERS
60
45
5V
other
77
82.5
90
150 10
150 10
UL156920AWG
UL156918AWG
+V(Red)
-V(Black)
AC/N(Blue)
AC/L(Brown)
31
T case
T case:Max.Case Temperature


Similar Part No. - APV-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APV-12-12 MEANWELL-APV-12-12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APV-12-15 MEANWELL-APV-12-15 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APV-12-24 MEANWELL-APV-12-24 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APV-12-5 MEANWELL-APV-12-5 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
More results

Similar Description - APV-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12_12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APC-12E MEANWELL-APC-12E Datasheet
75Kb / 3P
   12W Single Output Switching Power Supply
APC-12 MEANWELL-APC-12_12 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
logo
CUI INC
ETSA050200U CUI-ETSA050200U Datasheet
263Kb / 6P
   ETSA 12W - SWITCHING POWER SUPPLY
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com