Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5109 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N5109
Description  Type 2N5109 Geometry 1007 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5109 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N5109 Datasheet HTML 1Page - Semicoa Semiconductor 2N5109 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N5109
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 µA
Collector-Emitter Breakdown Voltage
IC = 5 mA
Collector-Emitter Breakdown Voltage
IC = 5 mA, R2 = 10 ohms
Emitter-Base Breakdown Voltage
IE = 100 µA
Collector-Emitter Cutoff Current
VCE = 15 V
Collector-Emitter Cutoff Current
VCE = 15 V, TC = +175
oC
V(BR)CER
40
---
V
ICEO2
---
5.0
mA
ICEO1
---
20
µA
V
V(BR)EBO
3.0
---
V(BR)CEO
20
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
40
---
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 50 mA, VCE = 15 V (pulsed)
hFE1
40
150
---
IC = 50 mA, VCE = 5.0 V (pulsed)
hFE2
15
---
---
Collector-Emitter Saturation Voltage
IC = 100 mA, IB = 50 mA (pulsed)
VCE(sat)1
---
0.5
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter, Small Signal, Short Circuit
Current Transfer Ratio
IC = 25 mA, VCE = 15 V, f = 200 MHz
5.0
10
---
IC = 25 mA, VCE = 15 V, f = 200 MHz
6.0
11
---
IC = 25 mA, VCE = 15 V, f = 200 MHz
5.0
10.5
---
Open Circuit Output Capacitance
VCB = 28 V, IE = 0, 100 kHz < f < 1 MHz
Power Gain (Narrow Band) Current
VCC = 15 V, IC = 50 mA, f = 200 MHz
Cross Modulation
VCC = 15 V, IC = 50 mA, f = 200 MHz
54 dBm V outpuot
Noise Figure
VCC = 15 V, IC = 50 mA, f = 200 MHz
Voltage Gain (Wideband)
VCC = 15 V, IC = 50 mA, f = 50 to 216 MHz
|hFE|
pF
COBO
---
3.5
GPE
11
3.5
dB
cm
---
-57
dB
NF
---
3.5
dB
GVE
11
---
dB


Similar Part No. - 2N5109

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5109 SEMICOA-2N5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N5109 CENTRAL-2N5109 Datasheet
665Kb / 9P
   NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
logo
Microsemi Corporation
2N5109 MICROSEMI-2N5109 Datasheet
281Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
2N5109 CENTRAL-2N5109 Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
2N5109 CENTRAL-2N5109 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N5109

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
   Type 2N3960 Geometry 0003 Polarity NPN
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
   Type 2N5238 Geometry 3111 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com