Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX536 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX536
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX536 Datasheet HTML 1Page - Maxim Integrated Products MAX536 Datasheet HTML 2Page - Maxim Integrated Products MAX536 Datasheet HTML 3Page - Maxim Integrated Products MAX536 Datasheet HTML 4Page - Maxim Integrated Products MAX536 Datasheet HTML 5Page - Maxim Integrated Products MAX536 Datasheet HTML 6Page - Maxim Integrated Products MAX536 Datasheet HTML 7Page - Maxim Integrated Products MAX536 Datasheet HTML 8Page - Maxim Integrated Products MAX536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE—ANALOG SECTION
Resolution
N12
Bits
MAX536A
±1.0
TA = +25°C
MAX536B
±2.0
MAX536AC
±2.0
MAX536BC
±3.0
MAX536AE
±2.5
Total Unadjusted Error (Note 1)
TUE
TA = TMIN to TMAX
MAX536BE
±3.5
LSB
MAX536A
±0.15
±0.50
Integral Nonlinearity
INL
MAX536B
±1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1
LSB
MAX536A
±2.5
TA = +25°C
MAX536B
±5.0
MAX536AC
±5.0
MAX536BC
±7.5
MAX536AE
±6.1
Offset Error
TA = TMIN to TMAX
MAX536BE
±8.5
mV
RL =
-0.1
±1.0
MAX536_C/E
-0.6
±1.5
Gain Error
RL = 5k
MAX536_M
±2.0
LSB
VDD Power-Supply Rejection
Ratio
PSRR
TA = +25°C, 10.8V < VDD < 13.2V
±0.02
±0.125
LSB/V
VSS Power-Supply Rejection Ratio
PSRR
TA = +25°C, -5.5V < VDD < -4.5V
±0.03
±0.30
LSB/V
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
2
____________________________________________________________________________________________________
VDD to AGND or DGND
MAX536 ............................................................-0.3V to +13.2V
MAX537 .................................................................-0.3V to +7V
VSS to AGND or DGND ............................................-7V to +0.3V
SDI, SCK , CS, LDAC, TP, SDO
to AGND or DGND..................................-0.3V to (VDD + 0.3V)
REFAB, REFCD to AGND or DGND ..........-0.3V to (VDD + 0.3V)
OUT_ to AGND or DGND ..........................................VDD to VSS
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) .................842mW
Wide SO (derate 9.52mW/°C above +70°C).................762mW
Operating Temperature Ranges
MAX53_AC_E/BC_E.............................................0°C to +70°C
MAX53_AE_E/BE_E ..........................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS—MAX536
(VDD = +12V, VSS = -5V, REFAB/REFCD = 8V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - MAX536

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX536-MAX537 MAXIM-MAX536-MAX537 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5360 MAXIM-MAX5360 Datasheet
214Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5360LEUK MAXIM-MAX5360LEUK Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
More results

Similar Description - MAX536

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com