Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX536BCWE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX536BCWE
Description  Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX536BCWE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX536BCWE Datasheet HTML 3Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 4Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 5Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 6Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 7Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 8Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 9Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 10Page - Maxim Integrated Products MAX536BCWE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Note 2: Guaranteed by design.
Note 3: Crosstalk is defined as the glitch energy at any DAC output in response to a full-scale step change on any other DAC.
Note 4: Digital inputs at 2.4V; with digital inputs at CMOS levels, IDD decreases slightly.
Note 5: All input signals are specified with tR = tF
≤ 5ns. Logic input swing is 0 to 5V.
Note 6: Serial data clocked out of SDO on SCK’s falling edge. (SDO is an open-drain output for the MAX536. The MAX537’s SDO
pin has an internal active pullup.)
Note 7: Serial data clocked out of SDO on SCK’s rising edge.
Note 10: When disabled, SDO is internally pulled high.
Calibrated, Quad, 12-Bit
Voltage-Output DACs with Serial Interface
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX537 (continued)
(VDD = +5V, VSS = -5V, REFAB/REFCD = 2.5V, AGND = DGND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Fall to SDO Enable
tDV
CLOAD = 50pF, MAX537_C/E
75
140
ns
CS Rise to DSO Disable (Note 10)
tTR
CLOAD = 50pF, MAX537_C/E
70
130
ns
SCK Rise to CS Fall Delay
tCSO
Continuous SCK, SCK edge ignored
35
ns
CS Rise to SCK Rise Hold Time
tCS1
SCK edge ignored, MAX537_C/E
35
ns
LDAC Pulse Width High
tLDAC
MAX537_C/E
50
ns
CS Pulse Width High
tCSW
MAX537_C/E
100
ns


Similar Part No. - MAX536BCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536BCWE MAXIM-MAX536BCWE Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
More results

Similar Description - MAX536BCWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com