Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEN-75-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # CEN-75-30
Description  75W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CEN-75-30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  CEN-75-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CEN-75-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CEN-75-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
½ Features :
75WSingleOutputLEDPowerSupply
C E N - 7 5 series
SPECIFICATION
MODEL
CEN-75-20
CEN-75-24
CEN-75-30
CEN-75-36
CEN-75-54
CEN-75-15
CEN-75-48
CEN-75-42
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
20V
24V
30V
36V
54V
15V
48V
42V
0~3.75A
0~3.15A
0~2.5A
0~2.1A
0~1.4A
0~5A
0~1.57A
0~1.8A
75W
75.6W
75W
75.6W
75.6W
75W
75.36W
75.6W
2Vp-p
2.7Vp-p
3Vp-p
3.6Vp-p
5Vp-p
2.7Vp-p
4.6Vp-p
4Vp-p
10%
3.0%
5.0%
1400ms/230VAC2800ms/115VACatfullload
90~295VAC
127~417VDC
47~63Hz
PF>0.97/115VAC,PF>0.95/230VAC,PF>0.9/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
88%
89%
90%
90%
91%
87%
91%
90%
22.8~26V
28~34V
34~38V
41~46V
59~65V
17.5~21V
54~60V
47~52V
1.1A/115VAC0.55A/230VAC
45A/230VAC
<0.75mA /240VAC
95~110%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-30~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
522.2Khrsmin.MIL-HDBK-217F(25
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Constant current operation region is within 75% ~ 100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
0.56Kg;24pcs/14.4Kg/1.11CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
85
10
(RTH1)
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
SAFETY STANDARDS
CompliancetoEN55015, EN61000-3-2ClassC(
75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel(surge4KV),criteria A
15~20V
18~24V
22.5~30V
27~36V
40.5~54V
11.25~15V
36~48V
31.5~42V
RATEDCURRENT
3.75A
3.15A
2.5A
2.1A
1.4A
5A
1.57A
1.8A
CONSTANTCURRENT OPERATIONVOLTAGE Note.5
17~22V
22~27V
27~33V
33~40V
49~58V
13.5~17V
43~53V
37~46V
VOLTAGE ADJ.RANGE (SVR1)
CURRENT ADJ.RANGE(SVR2)
2.81~3.75A
2.36~3.15A
1.88~2.5A
1.58~2.1A
1.05~1.4A
3.75~5A
1.18~1.57A
1.35~1.8A
Universal AC input / Full range (up to 295VAC)
Protections: Short circuit /
/ Over voltage / Over temperature
Output voltage and constant current level adjustable
Built-in active PFC function
IP66 design for indoor or outdoor installations
Cooling by free air convection
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
Suitable for dry / damp / wet locations
3 years warranty
Over current
Features :
FileName:CEN-75-SPEC2011-07-28
183*62.5*40.5mm(L*W*H)
IP66
SELV
UL879,UL8750, TUVEN61347-1,EN61347-2-13,J61347-1,J61347-2-13,IP66approved
110
F
M
M
EMCIMMUNITY
EMCEMISSION


Similar Part No. - CEN-75-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CEN-75-30 MEANWELL-CEN-75-30 Datasheet
309Kb / 3P
   75W Single Output LED Power Supply
CEN-75-30 MEANWELL-CEN-75-30 Datasheet
315Kb / 3P
   75W Single Output LED Power Supply
More results

Similar Description - CEN-75-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-75-C MEANWELL-ELG-75-C Datasheet
140Kb / 7P
   75W Single Output LED Power Supply
CEN-75 MEANWELL-CEN-75 Datasheet
309Kb / 3P
   75W Single Output LED Power Supply
CEN-75 MEANWELL-CEN-75_12 Datasheet
315Kb / 3P
   75W Single Output LED Power Supply
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-75 ASTRODYNE-LPS-75 Datasheet
377Kb / 2P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com