Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1112 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1112
Description  5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs Internal 4.096V Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1112 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1112 Datasheet HTML 2Page - Maxim Integrated Products MAX1112 Datasheet HTML 3Page - Maxim Integrated Products MAX1112 Datasheet HTML 4Page - Maxim Integrated Products MAX1112 Datasheet HTML 5Page - Maxim Integrated Products MAX1112 Datasheet HTML 6Page - Maxim Integrated Products MAX1112 Datasheet HTML 7Page - Maxim Integrated Products MAX1112 Datasheet HTML 8Page - Maxim Integrated Products MAX1112 Datasheet HTML 9Page - Maxim Integrated Products MAX1112 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
+5V, Low-Power, Multi-Channel,
Serial 8-Bit ADCs
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = 5.0V; fSCLK = 500kHz; external clock (50% duty cycle); RL = ∞; TA = +25°C, unless otherwise noted.)
180
100
-60
140
SUPPLY CURRENT vs. TEMPERATURE
120
TEMPERATURE (°C)
-20
20
60
100
160
140
OUTPUT CODE = FULL SCALE
CLOAD = 10pF
VDD = 5.5V
VDD = 4.5V
10
0
-60
140
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
2
8
TEMPERATURE (°C)
-20
20
60
100
6
4
SHDN = DGND
0.3
-0.3
0256
DIFFERENTIAL NONLINEARITY
vs. CODE
-0.2
0.2
0.1
DIGITAL CODE
64
128
192
0
-0.1
0.6
0
-60
140
OFFSET ERROR vs. TEMPERATURE
0.1
0.2
0.5
TEMPERATURE (°C)
-20
20
60
100
0.4
0.3
0.20
-0.20
0256
INTEGRAL NONLINEARITY
vs. CODE
-0.10
-0.15
0.15
0.10
0.05
DIGITAL CODE
64
128
192
0
-0.05
20
-100
025
FFT PLOT
-80
-20
0
FREQUENCY (kHz)
5
101520
-60
-40
fCH_ = 10.034kHz, 4VP-P
fSAMPLE = 50ksps


Similar Part No. - MAX1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1112 MAXIM-MAX1112 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120ATI++ MAXIM-MAX11120ATI+ Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
More results

Similar Description - MAX1112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com