Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1229BCEP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1229BCEP
Description  12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1229BCEP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1229BCEP Datasheet HTML 5Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 6Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 7Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 8Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 9Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 10Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 11Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 12Page - Maxim Integrated Products MAX1229BCEP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
12-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
_______________________________________________________________________________________
9
Detailed Description
The MAX1227/MAX1229/MAX1231 are low-power, seri-
al-output, multichannel ADCs with temperature-sensing
capability for temperature-control, process-control, and
monitoring applications. These 12-bit ADCs have inter-
nal track and hold (T/H) circuitry that supports single-
ended and fully differential inputs. Data is converted
from an internal temperature sensor or analog voltage
sources in a variety of channel and data-acquisition
configurations. Microprocessor (µP) control is made
easy through a 3-wire SPI-/QSPI/ MICROWIRE-compati-
ble serial interface.
Figure 2 shows a simplified functional diagram of the
MAX1227/MAX1229/MAX1231 internal architecture.
The MAX1227 has eight single-ended analog input
channels or four differential channels. The MAX1229
has 12 single-ended analog input channels or six differ-
ential channels. The MAX1231 has 16 single-ended
analog input channels or eight differential channels.
SCLK
DIN
DOUT
CS
tDH
tDOE
tDS
tCH
tCSS0
tCP
tCSH1
tCSH0
tCSS1
tDOD
tDOT
Figure 1. Detailed Serial-Interface Timing Diagram
12-BIT
SAR
ADC
CONTROL
SERIAL
INTERFACE
OSCILLATOR
FIFO AND
ACCUMULATOR
T/H
TEMP
SENSE
REF-
CNVST
SCLK
CS
DIN
EOC
DOUT
AIN15
AIN1
AIN2
INTERNAL
REFERENCE
REF+
MAX1227
MAX1229
MAX1231
Figure 2. Functional Diagram


Similar Part No. - MAX1229BCEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1229BCEP++ MAXIM-MAX1229BCEP+ Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1229BCEP-T MAXIM-MAX1229BCEP-T Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1229BCEP-T MAXIM-MAX1229BCEP-T Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
More results

Similar Description - MAX1229BCEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com