Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1425EAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1425EAI
Description  10-Bit, 20Msps ADC Separate Digital Supply Input for 3V Logic Compatibility
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1425EAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1425EAI Datasheet HTML 1Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 2Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 3Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 4Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1425EAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1425 10-bit, monolithic analog-to-digital con-
verter (ADC) is capable of a 20Msps sampling rate. This
device features an internal track-and-hold (T/H) amplifier
for excellent dynamic performance; at the same time, it
minimizes the number of external components. Low
input capacitance of only 8pF minimizes input drive
requirements. A wide input bandwidth (up to 150MHz)
makes this device suitable for digital RF/IF downconvert-
er applications employing undersampling techniques.
The MAX1425 employs a differential pipelined architec-
ture with a wideband T/H amplifier to maximize through-
put while limiting power consumption to only 172mW.
The MAX1425 generates an internal +2.5V reference
that supplies three additional reference voltages
(+3.25V, +2.25V, and +1.25V). These reference volt-
ages provide a differential input range of +2V to -2V.
The analog inputs are biased internally to correct the
DC level, eliminating the need for external biasing on
AC-coupled applications.
A separate +3V digital logic supply input allows for
separation of digital and analog circuitry. The output
data is in two’s complement format. The MAX1425 is
available in the space-saving 28-pin SSOP package.
For a pin-compatible version at a lower data rate, refer
to the MAX1426 data sheet. For a higher data rate, refer
to the MAX1424 data sheet.
Applications
Medical Ultrasound Imaging
CCD Pixel Processing
IR Focal Plane Array
Radar
IF and Baseband Digitization
Set-Top Boxes
Features
o Differential Inputs for High Common-Mode
Noise Rejection
o Signal-to-Noise Ratio
61dB (at fIN = 2MHz)
59.3dB (at fIN = 10MHz)
o Internal +2.5V Reference
o 150MHz Input Bandwidth
o Wide ±2V Input Range
o Low Power Consumption: 172mW
o Separate Digital Supply Input for 3V Logic
Compatibility
o Single +5V Supply Operation Possible
10-Bit, 20Msps ADC
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D0
+
D1
D2
D3
D4
DGND
D9
DVDD
DGND
DVDD
D5
D6
D7
D8
OE/PD
CLK
CMLN
CMLP
INN
INP
AVDD
AGND
CML
REFN
REFIN
REFP
AVDD
AGND
SSOP
TOP VIEW
MAX1425
CLK
INP
INTERFACE
PIPELINE ADC
REF SYSTEM +
BIAS
OUTPUT
DRIVERS
REF
REFIN REFP
CML REFN
OE/PD
AVDD
AGND
DVDD
DGND
D9–D0
INN
T/H
MAX1425
Functional Diagram
19-1597; Rev 1; 7/11
Pin Configuration
Ordering Information
PART
MAX1425CAI+
MAX1425EAI+
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SSOP
28 SSOP
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Devices are also available in a tape-and-reel packaging.
Specify tape and reel by adding “T” to the number when order-
ing.


Similar Part No. - MAX1425EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1425EAI MAXIM-MAX1425EAI Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results

Similar Description - MAX1425EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
MAX1160 MAXIM-MAX1160 Datasheet
76Kb / 8P
   10-Bit, 20Msps, TTL-Output ADC
19-1189; Rev 0; 3/97
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
logo
Maxim Integrated Produc...
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com