Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE12I24-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GE12I24-P1J
Description  10~15WAC-DC Single Output Interchangeable Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GE12I24-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GE12I24-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GE12I24-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:GE12-SPEC2011-06-14
AWM246820AWG*2C1500 50mm
StaticCharacteristics
11 0.5mm
70.7
90
100
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
95
DeratingCurve
Unit:mm
Ta(
)
-10
10
20
30
40
75
50
100
50
ID2.1xOD5.5
C"+"
10~15W AC-DCSingleOutputInterchangeableWall-mountedtype
G E 1 2 series
Plug Assignment
Standardplug:P1J
P/N
CENTER
OUTPUT
+
P1J


Similar Part No. - GE12I24-P1J

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
GE12047BCA3 GEC-GE12047BCA3 Datasheet
495Kb / 9P
   1200V Dual Silicon Carbide Power module
Rev. : 1, Public Release 11 June 2021
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
   1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
logo
Mallory performance clu...
GE120K MALLORY-GE120K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
GE120K MALLORY-GE120K Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
GE121K MALLORY-GE121K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
More results

Similar Description - GE12I24-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS15U MEANWELL-GS15U_11 Datasheet
169Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
GS15E MEANWELL-GS15E Datasheet
105Kb / 2P
   7.2~15WAC-DC Single Output Wall-mounted type
GS15U MEANWELL-GS15U Datasheet
109Kb / 2P
   7.2~15WAC-DC Single Output Wall-mounted type
GS15E MEANWELL-GS15E_11 Datasheet
138Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
GE24 MEANWELL-GE24 Datasheet
193Kb / 2P
   15~24WAC-DC Single Output Interchangeable Wall-mounted type
GE18 MEANWELL-GE18 Datasheet
192Kb / 2P
   12~18WAC-DC Single Output Interchangeable Wall-mounted type
GS18E MEANWELL-GS18E Datasheet
110Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
GS12U MEANWELL-GS12U_11 Datasheet
224Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS12U MEANWELL-GS12U Datasheet
98Kb / 2P
   10 ~ 12WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U Datasheet
100Kb / 2P
   10~18WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com