Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP823C09 Datasheet(PDF) 2 Page - Fuji Electric

Part # KP823C09
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

KP823C09 Datasheet(HTML) 2 Page - Fuji Electric

  KP823C09 Datasheet HTML 1Page - Fuji Electric KP823C09 Datasheet HTML 2Page - Fuji Electric KP823C09 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KP823C04 (5A)
(90V / 5A )
Characteristics
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Tj=150°C
Tj=125°C
Tj=100°C
Tj=25°C
Forward Characteristic (typ.)
VF
Forward Voltage (V)
0
1020
304050607080
90
100
110
10
-3
10
-2
10
-1
10
0
10
1
10
2
Reverse Characteristic (typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR
Reverse Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Per 1element
DC
Square wave
λ=180°
Sine wave
λ=180°
Square wave
λ=120°
Square wave
λ=60°
Forward Power Dissipation
Io
Average Forward Current (A)
360°
Io
λ
0
10
20
3040
5060
70
8090
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Reverse Power Dissipation
α=180°
DC
VR
Reverse Voltage (V)
360°
VR
α
01
23
45
67
8
50
60
70
80
90
100
110
120
130
140
150
160
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=120°
Square wave
λ=60°
Square wave
λ=180°
Sine wave
λ=180°
DC
Current Derating (Io-Tc)
Io
Average Output Current (A)
VR=30V
360°
λ
Io
10
100
10
100
1000
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage (V)


Similar Part No. - KP823C09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP823C03 ETC2-KP823C03 Datasheet
76Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
Fuji Electric
KP823C03 FUJI-KP823C03 Datasheet
79Kb / 3P
   SCHOTTKY BARRIER DIODE
KP823C04 FUJI-KP823C04 Datasheet
74Kb / 4P
   SCHOTTKY BARRIER DIODE
KP823C04 FUJI-KP823C04_01 Datasheet
73Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - KP823C09

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com