Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1614 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1614
Description  High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1614 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1614 Datasheet HTML 1Page - Maxim Integrated Products MAX1614 Datasheet HTML 2Page - Maxim Integrated Products MAX1614 Datasheet HTML 3Page - Maxim Integrated Products MAX1614 Datasheet HTML 4Page - Maxim Integrated Products MAX1614 Datasheet HTML 5Page - Maxim Integrated Products MAX1614 Datasheet HTML 6Page - Maxim Integrated Products MAX1614 Datasheet HTML 7Page - Maxim Integrated Products MAX1614 Datasheet HTML 8Page - Maxim Integrated Products MAX1614 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
High-Side, n-Channel MOSFET
Switch Driver
_______________________________________________________________________________________
7
On/Off Control with a
Single Pushbutton Switch
The MAX1614’s separate on and off inputs allow maxi-
mum flexibility in controlling the external MOSFETs.
Connect a pushbutton switch to the ON pin and micro-
controller (µC) I/O for single-button control. Connect the
OFF pin to another µC I/O pin. On the first button
depression, the MAX1614 turns on automatically; the
signal is also detected by the µC. When the button is
depressed a second time, the µC wraps around and
turns off the MAX1614 by pulling low on the OFF pin
(Figure 3).
Simple Low-Battery Disconnect/Fresh
Battery Reconnect Circuit
A simple undervoltage disconnect circuit is often desir-
able to prevent damage to secondary batteries due to
repeated deep discharge or cell reversal. The
Typical
Operating Circuit turns off the MAX1614, disconnecting
the battery from the load when the battery voltage
falls below the minimum battery voltage required,
(VLOW BATT). VLOW BATT = (R1 + R2)/R2 x VTH where
VTH is the LBI input threshold (1.20V typ). When fresh
cells are installed or the batteries are recharged, a µC
or pushbutton reconnects the load.
Using
LBO to Generate Early
Power-Fail Interrupt
Many applications require an early warning indicating
that power is failing so that the microprocessor (µP)
can take care of any “housekeeping” functions (storing
current settings in memory, etc.) before the power fails.
Connect LBI through a resistor divider across the bat-
tery, and connect LBO to the µP nonmaskable interrupt
(NMI). Set the threshold so that LBO goes low when the
battery decays to a point where regulation begins to
degrade (Figure 4). VLOW BATT = (R1 + R2)/R2 x VTH,
where VTH is the LBI input threshold (1.20V typ). Once
housekeeping is complete, the µP can turn off the load
by pulling OFF low.
MAX1614
SHUTDOWN
(CMOS OR TTL LOGIC)
GND
ON
OFF
Figure 2. Single-Line Shutdown Control
MAX1614
OFF
LBO
GND
LBI
BATT
SRC
GATE
ON
NN
LOAD
TO µC
R1
R2
Figure 3. Single-Pushbutton On/Off Control
MAX1614
OFF
LBO
GND
LBI
BATT
SRC
GATE
ON
NN
LOAD
TO µC
PORT PINS
TO µC
NONMASKABLE
INTERRUPT
R1
R2
Figure 4. Using LBO to Generate Early Power-Fail Interrupt


Similar Part No. - MAX1614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KM MAXIM-MAX16140B220KM Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140B220KMT MAXIM-MAX16140B220KMT Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
MAX16140D220JM MAXIM-MAX16140D220JM Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
More results

Similar Description - MAX1614

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
Rohm
BD6538G ROHM-BD6538G_14 Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
   ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com