Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1614EUV Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1614EUV
Description  High-Side, n-Channel MOSFET Switch Driver Internal On/Off Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1614EUV Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1614EUV Datasheet HTML 1Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 2Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 3Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 4Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 5Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 6Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 7Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 8Page - Maxim Integrated Products MAX1614EUV Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
High-Side, n-Channel MOSFET
Switch Driver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VBATT = 15V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
22
6
530
ON SUPPLY CURRENT
vs. VBATT
VBATT (V)
20
14
10
10
15
18
20
12
8
16
25
TA = +85°C
TA = +25°C
TA = -40°C
4.0
1.0
530
OFF SUPPLY CURRENT
vs. VBATT
VBATT (V)
20
3.0
2.0
10
15
2.5
1.5
3.5
25
TA = +25
°C
TA = -40
°C
TA = +85
°C
Note 1: Specifications to TA = -40°C are guaranteed by design and not production tested.
LOW BATTERY COMPARATOR
INTERNAL CHARGE PUMP
3
Measured from GATE to SRC, VBATT = 5.25V,
IGATE = 1.5µA, VSRC = 5.25V
40
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
GATE Drive Output Current
15
60
µA
GATE Drive Voltage
VGS
6.5
9.0
V
LBI Trip Level
VTH
1.176
1.20
1.224
V
BATT Shutdown Current
BATT Operating Range
5.0
26
V
ISHDN
8
µA
Quiescent Current
IBATT +
ISAC
µA
CONDITIONS
VGATE = VSRC = 15V
Measured from GATE to SRC, VBATT = 15V,
IGATE = 0A
LBI input falling
VGATE - VSRC > 3V, SRC = BATT
VBATT = 26V, ON = OFF = unconnected,
IGATE = 0A, device latched off, VLBI = 1.5V
VBATT = 26V, ON = OFF = unconnected,
IGATE = 0A, device latched on, VLBI = 1.5V
INTERNAL CHARGE PUMP
LOW-BATTERY COMPARATOR
1.30
1.16
-40
100
LOW-BATTERY THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
40
1.24
1.20
-20
0
1.22
1.18
1.26
1.28
80
20
60
VBATT = 15V
VLBI RISING
VLBI FALLING


Similar Part No. - MAX1614EUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614EUA MAXIM-MAX1614EUA Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
More results

Similar Description - MAX1614EUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
Rohm
BD6538G ROHM-BD6538G_14 Datasheet
1Mb / 25P
   Output OFF Latch High Side Switch ICs
BD6538G-LB ROHM-BD6538G-LB Datasheet
512Kb / 24P
   Output OFF Latch High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446 LINER-LTC4446_15 Datasheet
175Kb / 12P
   High Voltage High Side/ Low Side N-Channel MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
   1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
   1 channel High-Side N channel Power MOSFET Gate Driver
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
   ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com