Electronic Components Datasheet Search |
|
GPSU06E-1-1 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
GPSU06E-1-1 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page Universal AC input / Full range No load power consumption <0.3W ErP step2 compliant Meet EISA 2007 (Energy Independence and Security Act) 2 pole EURO plug Class power (without earth pin) Protections: Short circuit / Overload / Over voltage Pass LPS Fully enclosed plastic case Approvals: TUV / CB / FCC / CE 2 years warranty SPECIFICATION ORDERNO. SAFETY MODEL NO. DCVOLTAGE Note.2 RATEDCURRENT CURRENTRANGE RATEDPOWER RIPPLE&NOISE(max.) Note.3 OUTPUT SETUP,RISE,HOLDUP TIME VOLTAGERANGE FREQUENCY RANGE EFFICIENCY (Typ.) Note.7 ACCURRENT INPUT ENVIRONMENT INRUSHCURRENT(max.) LEAKAGECURRENT(max.) SAFETY STANDARDS SAFETY & EMC (Note.8) WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING PROTECTION 5V 7.5V 9V 12V 15V 18V 24V 48V GPSU06E-1 GPSU06E-1-1 GPSU06E-2 GPSU06E-3 GPSU06E-4 GPSU06E-5 GPSU06E-6 GPSU06E-8 1.00A 0.8A 0.66A 0.5A 0.4A 0.33A 0.25A 0.125A 0~1.00A 0~0.8A 0~0.66A 0~0.5A 0~0.4A 0~0.33A 0~0.25A 0~0.125A 5W 6W 6W 6W 6W 6W 6W 6W 50mVp-p 80mVp-p 80mVp-p 100mVp-p 120mVp-p 150mVp-p 180mVp-p 200mVp-p VOLTAGETOLERANCE Note.4 LINEREGULATION Note.5 LOADREGULATION Note.6 5.0% 5.0% 5.0% 5.0% 5.0% 5.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 2.0% 2.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 2.0% 2.0% 1000ms,50ms,12msatfullload 90~264VAC127~370VDC 47~63Hz 68% 74% 75% 77% 78% 78% 82% 84% 0.2A /100VAC 50A /230VAC 0.25mA /240VAC EN60950-1approved WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:4242VDC I/P-O/P:100MOhms/500VDC /25 /70%RH 500Khrsmin.MIL-HDBK-217F(25 ) 0~+40 (Referto"DeratingCurve") 20%~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes 32*66*42.5mm(L*W*H) 100g;90pcs/10Kg/CARTON CONNECTOR PLUG CABLE Standardtype forstock thertypeavailablebycustomerrequested P1J:2.1 *5.5 *11mm,turningforktypecenterpositive ;O Standardtype20 forstock thertypeavailablebycustomerrequested AwgUL11856ft ;O VOLTAGE ADJ.RANGE Fixed 5~6V 6~8V 8~11V 11~13V 13~16V 16~21V 21~27V 33~48V 1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerance: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 0% to 100% rated load 7.Efficiency is measured at 230VAC. 8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the EMC directives. Features : CompliancetoEN55022, FCCPart15classB EN61000-3-2,3, CompliancetoEN61000-4-2,3,4,5,6,11,l criteria A ightindustrylevel, OVERLOAD OVERVOLTAGE Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved >120%ratedoutputpower >105% ratedoutputvoltagepowerfor5V;>110%ratedoutputpowerfor7.5~48V Protectiontype:Clampbyzenerdiode TUV Rheinland ProductSafety geprUfre Sicherheit 5~6W AC-DCSingleOutputWall-mountedtype G S 0 6 E series GS06E-1P1J GS06E-11P1J GS06E-2P1J GS06E-3P1J GS06E-4P1J GS06E-5P1J GS06E-6P1J GS06E-8P1J EMCIMMUNITY EMCEMISSION FileName:GS06E-SPEC2011-06-14 |
Similar Part No. - GPSU06E-1-1 |
|
Similar Description - GPSU06E-1-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |