Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPSU06E-4 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GPSU06E-4
Description  5 ~ 6WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GPSU06E-4 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GPSU06E-4 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GPSU06E-4 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
No load power consumption <0.3W
ErP step2 compliant
Meet EISA 2007 (Energy Independence and Security Act)
2 pole EURO plug
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Pass LPS
Fully enclosed plastic case
Approvals: TUV / CB / FCC / CE
2 years warranty
SPECIFICATION
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
Note.7
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.8)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
9V
12V
15V
18V
24V
48V
GPSU06E-1
GPSU06E-1-1
GPSU06E-2
GPSU06E-3
GPSU06E-4
GPSU06E-5
GPSU06E-6
GPSU06E-8
1.00A
0.8A
0.66A
0.5A
0.4A
0.33A
0.25A
0.125A
0~1.00A
0~0.8A
0~0.66A
0~0.5A
0~0.4A
0~0.33A
0~0.25A
0~0.125A
5W
6W
6W
6W
6W
6W
6W
6W
50mVp-p
80mVp-p
80mVp-p
100mVp-p
120mVp-p
150mVp-p
180mVp-p
200mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
2.0%
1000ms,50ms,12msatfullload
90~264VAC127~370VDC
47~63Hz
68%
74%
75%
77%
78%
78%
82%
84%
0.2A /100VAC
50A /230VAC
0.25mA /240VAC
EN60950-1approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+40
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
32*66*42.5mm(L*W*H)
100g;90pcs/10Kg/CARTON
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,turningforktypecenterpositive
;O
Standardtype20
forstock
thertypeavailablebycustomerrequested
AwgUL11856ft
;O
VOLTAGE ADJ.RANGE
Fixed
5~6V
6~8V
8~11V
11~13V
13~16V
16~21V
21~27V
33~48V
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 0% to 100% rated load
7.Efficiency is measured at 230VAC.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives.
Features :
CompliancetoEN55022,
FCCPart15classB
EN61000-3-2,3,
CompliancetoEN61000-4-2,3,4,5,6,11,l
criteria A
ightindustrylevel,
OVERLOAD
OVERVOLTAGE
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
>120%ratedoutputpower
>105% ratedoutputvoltagepowerfor5V;>110%ratedoutputpowerfor7.5~48V
Protectiontype:Clampbyzenerdiode
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
5~6W AC-DCSingleOutputWall-mountedtype
G S 0 6 E series
GS06E-1P1J
GS06E-11P1J GS06E-2P1J
GS06E-3P1J
GS06E-4P1J
GS06E-5P1J
GS06E-6P1J
GS06E-8P1J
EMCIMMUNITY
EMCEMISSION
FileName:GS06E-SPEC2011-06-14


Similar Part No. - GPSU06E-4

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GPSU06-0-E MEANWELL-GPSU06-0-E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-0-U MEANWELL-GPSU06-0-U Datasheet
122Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-1-1-E MEANWELL-GPSU06-1-1-E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-1-1-U MEANWELL-GPSU06-1-1-U Datasheet
122Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-1-E MEANWELL-GPSU06-1-E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
More results

Similar Description - GPSU06E-4

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS06U MEANWELL-GS06U_11 Datasheet
207Kb / 2P
   5 ~ 6WAC-DC Single Output Wall-mounted type
GS06E MEANWELL-GS06E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GS06U MEANWELL-GS06U Datasheet
122Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
   5WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E_11 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com