Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPSU06U-6 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GPSU06U-6
Description  5 ~ 6WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GPSU06U-6 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GPSU06U-6 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GPSU06U-6 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:GS06U-SPEC2011-06-14
Unit:mm
NAMEPLATE
12.7
18.2
6.3
24.2
1.5
42.5 1
17.1 0.5
48 1
32 1
66 1
ID2.1xOD5.5
11
Plug Assignment
Standardplug:P1J
C"+"
Ta(
)
0
10
20
30
50
40
70
100
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
5~6W AC-DCSingleOutputWall-mountedtype
G S 0 6 U series
UL118520AWG 1830 50mm
P/N
OUTPUT
P1J
CENTER
+


Similar Part No. - GPSU06U-6

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GPSU06-0-E MEANWELL-GPSU06-0-E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-0-U MEANWELL-GPSU06-0-U Datasheet
122Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-1-1-E MEANWELL-GPSU06-1-1-E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-1-1-U MEANWELL-GPSU06-1-1-U Datasheet
122Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GPSU06-1-E MEANWELL-GPSU06-1-E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
More results

Similar Description - GPSU06U-6

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS06E MEANWELL-GS06E_11 Datasheet
177Kb / 2P
   5 ~ 6WAC-DC Single Output Wall-mounted type
GS06E MEANWELL-GS06E Datasheet
117Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GS06U MEANWELL-GS06U Datasheet
122Kb / 2P
   4 ~ 6WAC-DC Single Output Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
   5WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E_11 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com