Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1878ETC Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1878ETC
Description  Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1878ETC Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1878ETC Datasheet HTML 2Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 3Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 4Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 5Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 6Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 7Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 8Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 9Page - Maxim Integrated Products MAX1878ETC Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual-Output Step-Down and LCD Step-Up
Power Supply for PDAs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = VAIN = 2.5V, circuit of Figure 1, TA = +25°C, unless otherwise noted.)
STEP-UP HEAVY-LOAD
SWITCHING WAVEFORMS
MAX1878 toc13
VLXLCD
10V/div
0
VOUT
AC-COUPLED
100mV/div
1
μs/div
ILCD = 4.5mA, VLCD = +18V, VIN = +2.5V, ON = PGND
STEP-DOWN LOAD
TRANSIENT RESPONSE
MAX1878 toc14
VLX
2V/div
IMAIN
200mA/div
VMAIN
AC-COUPLED
100mV/div
10
μs/div
IMAIN = 10mA to 250mA, VMAIN = +1.8V,
VIN = +2.5V, ONLCD = PGNDLCD
STEP-UP LOAD
TRANSIENT RESPONSE
MAX1878 toc15
VLXLCD
10V/div
ILCD
2mA/div
VLCD
AC-COUPLED
200mV/div
20
μs/div
ILCD = 1mA to 4mA, VLCD = +18V, VIN = +2.5V, ON = PGND
LINE TRANSIENT RESPONSE
MAX1878 toc16
VIN
3V TO 2V
VLCD
AC-COUPLED
200mV/div
VMAIN
AC-COUPLED
20mV/div
100
μs/div
VMAIN = +1.8V, IMAIN = 150mA, VLCD =18.0V, ILCD = 2.5mA
SOFT-START AND SHUTDOWN RESPONSE
MAX1878 toc17
IIN
200mA/div
VLCD
10V/div
VMAIN
1V/div
VON = VONLCD
5V/div
400
μs/div
RMAIN = 5.1
Ω, RLCD = 9.09kΩ
STEP-DOWN LIGHT-LOAD
SWITCHING WAVEFORMS
MAX1878 toc10
VLX
1V/div
0
VMAIN
AC-COUPLED
50mV/div
4
μs/div
IMAIN = 20mA, VMAIN = +1.8V, VIN = +2.5V, ONLCD = PGNDLCD
STEP-DOWN HEAVY-LOAD
SWITCHING WAVEFORMS
MAX1878 toc11
VLX
1V/div
0
VMAIN
AC-COUPLED
20mV/div
1
μs/div
IMAIN = 250mA, VMAIN = +1.8V, VIN = +2.5V, ONLCD = PGNDLCD
STEP-UP LIGHT-LOAD
SWITCHING WAVEFORMS
MAX1878 toc12
VLXLCD
10V/div
0
VOUT
AC-COUPLED
100mV/div
1
μs/div
ILCD = 2mA, VLCD = +18V, VIN = +2.5V, ON = PGND


Similar Part No. - MAX1878ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1878EGC MAXIM-MAX1878EGC Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
More results

Similar Description - MAX1878ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1878 MAXIM-MAX1878 Datasheet
879Kb / 12P
   Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
Rev 1; 12/03
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
logo
Eutech Microelectronics...
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com