Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPSU15A-1 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GPSU15A-1
Description  12~15WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GPSU15A-1 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GPSU15A-1 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GPSU15A-1 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC input / Full range
No load power consumption <0.3W
ErP step2 compliant
Meet EISA 2007 (Energy Independence and Security Act)
3 pole AC inlet IEC320-C14
Class power ( with earth pin)
Protections: Short circuit / Overload / Over voltage
Pass LPS
Fully enclosed plastic case
Approvals: UL / CUL / TUV / CB / FCC / CE
2 years warranty
SPECIFICATION
GS15A-1P1J
GS15A-11P1J
GS15A-2P1J
GS15A-3P1J
GS15A-4P1J
GS15A-5P1J
GS15A-6P1J
GS15A-8P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
Note.7
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.8)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
9V
12V
15V
18V
24V
48V
GPSU15A-1
GPSU15A-1-1
GPSU15A-2
GPSU15A-3
GPSU15A-4
GPSU15A-5
GPSU15A-6
GPSU15A-8
2.40A
1.60A
1.66A
1.25A
1.00A
0.83A
0.62A
0.31A
0~2.40A
0~1.60A
0~1.66A
0~1.25A
0~1.00A
0~0.83A
0~0.62A
0~0.31A
12W
12W
15W
15W
15W
15W
15W
15W
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
120mVp-p
150mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
3000ms,50ms,16msatfullload
90~264VAC135~370VDC
47~63Hz
75%
78%
80%
80%
80%
81%
83%
85%
0.5A /100VAC
50A /230VAC
0.25mA /240VAC
UL60950-1,CSA22.2,EN60950-1approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC,I/P-FG:1.5KVAC
I/P-O/P,I/P-FG:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
100*58.5*32.8mm(L*W*H)
190g;90pcs/18Kg/CARTON
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktypecenterpositive
;O
Standardtype18
forstock
thertypeavailablebycustomerrequested
AwgUL11856ftand5ftfor3.3Voutputonly
;O
VOLTAGE ADJ.RANGE
Fixed
5~6V
6~8V
8~11V
11~13V
13~16V
16~21V
21~27V
33~48V
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 0% to 100% rated load
7.Efficiency is measured at 230VAC.
8.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Features :
CompliancetoEN55022,EN61000-3-2,3,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,11,l
criteria A
ightindustrylevel,
OVERLOAD
OVERVOLTAGE
105~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
>120%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode
12~15W AC-DCSingleOutputDesktop
G S 1 5 A series
EMCIMMUNITY
EMCEMISSION
FileName:GS15A-SPEC 2011-06-14


Similar Part No. - GPSU15A-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GPSU15A-1 MEANWELL-GPSU15A-1 Datasheet
107Kb / 2P
   7.2~15WAC-DC Single Output Desktop
GPSU15A-1-1 MEANWELL-GPSU15A-1-1 Datasheet
107Kb / 2P
   7.2~15WAC-DC Single Output Desktop
More results

Similar Description - GPSU15A-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS15B MEANWELL-GS15B_11 Datasheet
231Kb / 2P
   12~15WAC-DC Single Output Desktop
GS15B MEANWELL-GS15B Datasheet
132Kb / 2P
   7.2~15WAC-DC Single Output Desktop
GS15A MEANWELL-GS15A Datasheet
107Kb / 2P
   7.2~15WAC-DC Single Output Desktop
GS15U MEANWELL-GS15U_11 Datasheet
169Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
GS15E MEANWELL-GS15E_11 Datasheet
138Kb / 2P
   12~15WAC-DC Single Output Wall-mounted type
P30A MEANWELL-P30A Datasheet
155Kb / 2P
   12~27WAC-DC Single Output Desktop
P30B MEANWELL-P30B Datasheet
146Kb / 2P
   12~27WAC-DC Single Output Desktop
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
GS15E MEANWELL-GS15E Datasheet
105Kb / 2P
   7.2~15WAC-DC Single Output Wall-mounted type
GS15U MEANWELL-GS15U Datasheet
109Kb / 2P
   7.2~15WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com