Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2769ETI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2769ETI
Description  Universal GPS Receiver AEC-Q100 Automotive Qualified
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2769ETI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2769ETI Datasheet HTML 2Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2769ETI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX2769B
Universal GPS Receiver
Typical Operating Characteristics (continued)
(MAX2769B EV kit, VCC_ = 2.7V to 3.3V, TA = -40°C to +85NC, PGM = Ground. Registers are set to the default power-up states. LNA
input is driven from a 50I source. All RF measurements are done in the analog output mode with ADC bypassed. PGA gain is set
to 51dB gain by serial-interface word GAININ = 111010. Maximum IF output load is not to exceed 10kI||7.5pF on each pin. Typical
values are at VCC_ = 2.85V and TA = +25NC, unless otherwise noted.)
LNA2 |S21| AND |S12|
vs. FREQUENCY
FREQUENCY (GHz)
2.25
2.00
0.75 1.00 1.25 1.50 1.75
-40
-30
-20
-10
0
10
20
30
-50
0.50
2.50
|S21|
|S12|
LNA2 GAIN AND NOISE FIGURE
vs. TEMPERATURE
MAX2769B toc08
TEMPERATURE (°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
85
12.8
13.0
13.2
13.4
13.6
12.2
12.6
12.4
LNA BIAS = 10
NOISE FIGURE
GAIN
LNA INPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (GHz)
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
-40
-30
-20
-10
0
-50
1.0
2.2
LNA1
LNA2
LNA OUTPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (GHz)
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
-15
-10
-5
0
-20
1.0
2.2
LNA1
LNA2
MIXER INPUT REFERRED IP1dB
vs. OFFSET FREQUENCY
OFFSET FREQUENCY (MHz)
250
200
150
100
50
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
0
300
PRF = -100dBm
PGA GAIN = 51dB
PGA GAIN = 32dB


Similar Part No. - MAX2769ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2769ETI++ MAXIM-MAX2769ETI+ Datasheet
519Kb / 23P
   Universal GPS Receiver
Rev 2; 6/10
More results

Similar Description - MAX2769ETI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
   Automotive AEC-Q100 qualified
A4411 ALLEGRO-A4411 Datasheet
1Mb / 45P
   Automotive AEC-Q100 qualified
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com