Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3202EEWST Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3202EEWST
Description  Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3202EEWST Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3202EEWST Datasheet HTML 1Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 2Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 3Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 4Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 5Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 6Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 7Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 8Page - Maxim Integrated Products MAX3202EEWST Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Detailed Description
The MAX3202E/MAX3203E/MAX3204E/MAX3206E are
diode arrays designed to protect sensitive electronics
against damage resulting from ESD conditions or tran-
sient voltages. The low input capacitance makes these
devices ideal for high-speed data lines. The
MAX3202E, MAX3203E, MAX3204E, and MAX3206E
protect two, three, four, and six channels, respectively.
The MAX3202E/MAX3203E/MAX3204E/MAX3206E are
designed to work in conjunction with a device’s intrinsic
ESD protection. The MAX3202E/MAX3203E/MAX3204E/
MAX3206E limit the excursion of the ESD event to
below ±25V peak voltage when subjected to the
Human Body Model waveform. When subjected to the
IEC 61000-4-2 waveform, the peak voltage is limited to
±60V when subjected to Contact Discharge and ±100V
when subjected to Air-Gap Discharge. The device that
is being protected by the MAX3202E/MAX3203E/
MAX3204E/MAX3206E must be able to withstand these
peak voltages plus any additional voltage generated by
the parasitic board.
Applications Information
Design Considerations
Maximum protection against ESD damage results from
proper board layout (see the
Layout Recommendations
section and Figure 2). A good layout reduces the para-
sitic series inductance on the ground line, supply line,
and protected signal lines.
The MAX3202E/MAX3203E/MAX3204E/MAX3206E ESD
diodes clamp the voltage on the protected lines during
an ESD event and shunt the current to GND or VCC. In
an ideal circuit, the clamping voltage, VC, is defined as
the forward voltage drop, VF, of the protection diode
plus any supply voltage present on the cathode.
For positive ESD pulses:
VC = VCC + VF
For negative ESD pulses:
VC = -VF
In reality, the effect of the parasitic series inductance
on the lines must also be considered (Figure 1).
For positive ESD pulses:
For negative ESD pulses:
where IESD is the ESD current pulse.
VV
L x
dI
dt
Lx
d
C
FD
ESD
()
(
=−
+
⎝⎜
⎠⎟
+
()
2
13
II
dt
ESD)
⎝⎜
⎠⎟
⎝⎜
⎠⎟
VV
V
L x
dI
dt
L
CCC
FD
ESD
()
=+
+
⎝⎜
⎠⎟
+
()1
12
()
x
dI
dt
ESD
⎝⎜
⎠⎟
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
4
_______________________________________________________________________________________
L1
PROTECTED
LINE
L3
D2
GROUND RAIL
POSITIVE SUPPLY RAIL
I/O_
D1
L2
Figure 1. Parasitic Series Inductance
VCC
PROTECTED LINE
NEGATIVE ESD
CURRENT
PULSE
PATH TO
GROUND
PROTECTED
CIRCUIT
GND
D1
I/O_
VC
D2
L1
L3
L2
Figure 2. Layout Considerations


Similar Part No. - MAX3202EEWST

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202EEWS+T MAXIM-MAX3202EEWS+T Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202EEWS+T MAXIM-MAX3202EEWS+T Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
More results

Similar Description - MAX3202EEWST

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_09 Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com