Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD883-04 Datasheet(PDF) 3 Page - Fuji Electric

Part # SD883-04
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SD883-04 Datasheet(HTML) 3 Page - Fuji Electric

  SD883-04 Datasheet HTML 1Page - Fuji Electric SD883-04 Datasheet HTML 2Page - Fuji Electric SD883-04 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(40V / 3.0A )
SD883-04 (3.0A)
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
12°C/W
115°C/W
θj-1
With Glass Epoxy
P.C Board
t=0.8mm
print land 15x15mm
θj-a
Transient Thermal Impedance
t
Time
(sec)
110
1
10
100
Surge Capability
Number of Cycles at 50Hz
1
10
100
1000
1
10
100
With Glass Epoxy
P.C Board
t=0.8mm
Rth(l-a)
Rth(j-a)
Thermal Resistance Print Land
Print Land Area
(mm²)


Similar Part No. - SD883-04

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SD883-02 FUJI-SD883-02 Datasheet
50Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SD883-04

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com