Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3946ETG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3946ETG
Description  1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3946ETG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3946ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 9Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 10Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
_______________________________________________________________________________________ 7
1Gbps to 11.3Gbps, SFP+ Laser Driver
with Laser Impedance Mismatch Tolerance
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, data pattern = 27 - 1 PRBS + 72 zeros + 27 - 1 PRBS (inverted) +72 ones, unless otherwise noted.)
10.3Gbps ELECTRICAL EYE DIAGRAM
MAX3946 toc02
20ps/div
223 - 1 PRBS
10.3Gbps OPTICAL EYE DIAGRAM
MAX3946 toc01
INPUT DIFFERENTIAL RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
10,000
1000
-30
-25
-20
-15
-10
-5
0
-35
100
100,000
INPUT COMMON-MODE RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
10,000
-30
-25
-20
-15
-10
-5
0
-35
1000
100,000
INPUT DIFFERENTIAL TO COMMON-MODE
RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
10,000
1000
-40
-30
-20
-10
0
-50
100
100,000
OUTPUT DIFFERENTIAL RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
10,000
1000
-40
-30
-20
-10
0
-50
100
100,000
OUTPUT COMMON-MODE RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
10,000
1000
-30
-25
-20
-15
-10
-5
0
-35
100
100,000
RANDOM JITTER vs. MODULATION
CURRENT (AT LOAD)
MODULATION CURRENT (mAP-P)
70
60
40
50
20
30
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0
80
11.3Gbps, 25
Ω DIFFERENTIAL LOAD
1111 0000 PATTERN


Similar Part No. - MAX3946ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG++ MAXIM-MAX3946ETG+ Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
More results

Similar Description - MAX3946ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
   11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com