Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3946ETG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3946ETG
Description  1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3946ETG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3946ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 9Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 10Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 11Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 12Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 13Page - Maxim Integrated Products MAX3946ETG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10 _____________________________________________________________________________________
1Gbps to 11.3Gbps, SFP+ Laser Driver
with Laser Impedance Mismatch Tolerance
Pin Configuration
Pin Description
23
24
22
21
8
7
9
10
1
2
TIN-
4
5
6
17
18
16
14
13
VCC
VEET
TOUT+
TOUT-
TOUT-
VCCT
MAX3946
3
15
TIN+
20
11 TOUT+
VCC
19
12 VCCT
VEET
THIN QFN
(4mm × 4mm)
TOP VIEW
+
*EP
*EXPOSED PAD CONNECTED TO GROUND.
PIN
NAME
FUNCTION
1, 15
VCCD
Power Supply. Provides supply voltage to the digital block.
2
DISABLE
Disable Input, CMOS. Set to logic-low for normal operation. Logic-high or open disables both the
modulation current and the bias current. Internally pulled up by a 7.5kI resistor to VCCD.
3
FAULT
Fault Output, Open Drain. Logic-high indicates a fault condition. FAULT remains high even after the
fault condition has been removed. A logic-low occurs when the fault condition has been removed and
the fault latch has been cleared by toggling the DISABLE pin. FAULT should be pulled up to VCC by
a 4.7kI to 10kI resistor.
4
BMAX
Analog Laser Bias-Current Limit. A resistive voltage-divider connected among BMON, BMAX, and
ground sets the maximum allowed laser bias current limit. The voltage at BMAX is internally com-
pared to 1.2V bandgap reference voltage.
5
BMON
Bias Current-Monitor Output. Current out of this pin develops a ground-referenced voltage across
external resistor(s) that is proportional to the laser bias current. The current sourced by this pin is
typically 1/100th the BIAS pin current.
6, 7, 12, 13
VCCT
Power Supply. Provides supply voltage to the output block.
8, 9
TOUT-
Inverted Modulation Current Output. Internally pulled up by a 25I resistor to VCCT.
10, 11
TOUT+
Noninverted Modulation Current Output. Internally pulled up by a 25I resistor to VCCT.
14
BIAS
Laser Bias Current Connection. This pin requires a 0.1µF capacitor to VEET for proper operation.
16
CSEL
Chip-Select Input, CMOS. Setting CSEL to logic-high starts a cycle. Setting CSEL to logic-low ends
the cycle and resets the control state machine. Internally pulled down by a 75kI resistor to VEET.
17
SDA
Serial-Data Bidirectional Input, CMOS. Open-drain output. This pin has a 75kI internal pullup, but it
requires an external 4.7kI to 10kI pullup resistor. (Data line-collision protection is implemented.)


Similar Part No. - MAX3946ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946ETG++ MAXIM-MAX3946ETG+ Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
More results

Similar Description - MAX3946ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
   1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
logo
Micrel Semiconductor
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
   11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
   11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com