Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C61157-A7-A68 Datasheet(PDF) 2 Page - EPCOS

Part # C61157-A7-A68
Description  SAW RF low loss filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A68 Datasheet(HTML) 2 Page - EPCOS

  C61157-A7-A68 Datasheet HTML 1Page - EPCOS C61157-A7-A68 Datasheet HTML 2Page - EPCOS C61157-A7-A68 Datasheet HTML 3Page - EPCOS C61157-A7-A68 Datasheet HTML 4Page - EPCOS C61157-A7-A68 Datasheet HTML 5Page - EPCOS C61157-A7-A68 Datasheet HTML 6Page - EPCOS C61157-A7-A68 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
November 21, 2008
B1640
2096.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data Sheet
Application
s
Low loss RF filter for satellite channel router
s
Usable passband 40.5 MHz
s
High rejection
s
200
Ω balanced to 75 Ω unbalanced operation
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Maximum height of 1.225 mm
s
Package code DCC6D
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
4
Input
s
6
Input
s
2
Output
s
1, 3, 5
Case ground


Similar Part No. - C61157-A7-A68

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
63Kb / 7P
   SAW RF low loss filter
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
69Kb / 7P
   SAW RF low loss filter
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
79Kb / 8P
   SAW RF filter Automotive telematics
C61157-A7-A68 EPCOS-C61157-A7-A68 Datasheet
64Kb / 7P
   SAW RF low loss filter
More results

Similar Description - C61157-A7-A68

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
   SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
   SAW RF low loss filter
logo
EPCOS
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
   SAW RF low loss filter
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
   SAW RF low loss filter
logo
TDK Electronics
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
   SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
   SAW RF low loss filter
B39172B1667U510 TDK-B39172B1667U510 Datasheet
172Kb / 7P
   SAW RF low loss filter
logo
RF Monolithics, Inc
SF2294E RFM-SF2294E Datasheet
112Kb / 4P
   Low Loss RF SAW Filter
logo
Transko Electronics, In...
TF-5022-ND TRANSKO-TF-5022-ND Datasheet
393Kb / 3P
   Low-loss RF SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com