Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1647 Datasheet(PDF) 7 Page - EPCOS

Part # B1647
Description  SAW filter Satellite radio
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1647 Datasheet(HTML) 7 Page - EPCOS

  B1647 Datasheet HTML 1Page - EPCOS B1647 Datasheet HTML 2Page - EPCOS B1647 Datasheet HTML 3Page - EPCOS B1647 Datasheet HTML 4Page - EPCOS B1647 Datasheet HTML 5Page - EPCOS B1647 Datasheet HTML 6Page - EPCOS B1647 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
May 11, 2010
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately
incumbent on the customer to check and decide whether an EPCOS product with the
properties described in the product specification is suitable for use in a particular customer
application.
2.
We also point out that in individual cases, a malfunction of electronic components or
failure before the end of their usual service life cannot be completely ruled out in the
current state of the art, even if they are operated as specified. In customer applications
requiring a very high level of operational safety and especially in customer applications in
which the malfunction or failure of an electronic component could endanger human life or
health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by
means of suitable design of the customer application or other action taken by the customer
(e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained
by third parties in the event of malfunction or failure of an electronic component.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as hazardous). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be
available. The aforementioned does not apply in the case of individual agreements deviating
from the foregoing for customer-specific products.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current
version of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap,
DigiSiMic, DSSP, FormFit, MiniBlue, MiniCell, MKD, MKK, MLSC, MotorCap, PCC,
PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD,
SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks
registered or pending in Europe and in other countries. Further information will be found on
the Internet at www.epcos.com/trademarks.


Similar Part No. - B1647

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B164-101-WIR TRIPPLITE-B164-101-WIR Datasheet
169Kb / 3P
   IR over Wireless Signal Extender Kit - Up to 656 ft. (200m)
logo
EPCOS
B1640 EPCOS-B1640 Datasheet
65Kb / 7P
   SAW RF low loss filter
B1641 EPCOS-B1641 Datasheet
61Kb / 7P
   SAW RF low loss filter
logo
Toshiba Semiconductor
B1642 TOSHIBA-B1642 Datasheet
145Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
logo
EPCOS
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
   SAW RF low loss filter
More results

Similar Description - B1647

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1730 EPCOS-B1730 Datasheet
90Kb / 10P
   SAW IF filter Satellite radio
B1726 EPCOS-B1726 Datasheet
61Kb / 7P
   SAW IF filter Satellite radio
B1728 EPCOS-B1728 Datasheet
85Kb / 10P
   SAW IF filter Satellite radio
B1727 EPCOS-B1727 Datasheet
96Kb / 10P
   SAW IF filter Satellite radio
B1729 EPCOS-B1729 Datasheet
82Kb / 10P
   SAW IF filter Satellite radio
B1720 EPCOS-B1720 Datasheet
74Kb / 7P
   SAW IF filter Satellite radio
logo
Soshin electric Co., Lt...
DBF71A012 SOSHIN-DBF71A012 Datasheet
100Kb / 2P
   Satellite Radio
logo
Ultralife Corporation.
A-301-150 ULTRALIFE-A-301-150 Datasheet
744Kb / 2P
   Satellite Radio Combiner
5/28/14
logo
Soshin electric Co., Lt...
DBF71A007 SOSHIN-DBF71A007 Datasheet
100Kb / 2P
   XM Satellite Radio
logo
EPCOS
B8755 EPCOS-B8755 Datasheet
56Kb / 7P
   SAW filter Digital radio
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com