Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4364 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4364
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4364 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4364_11 Datasheet HTML 1Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 2Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 3Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 4Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 5Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 6Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 7Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 8Page - Maxim Integrated Products MAX4364_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT_ to GND...................................................-0.3V to +6V
IN+, IN-, BIAS, SHDN to GND....................-0.3V to (VCC + 0.3V)
Output Short Circuit (OUT+ to OUT-) (Note 1)...........Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.8mW/°C above +70°C) ..............388mW
8-Pin TDFN (derate 24.4mW/°C above +70°C) ..........1951mW
8-Pin SO (derate 7.8mW/°C above +70°C)...................623mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS—5V
(VCC = 5V, RL = ∞, CBIAS = 1µF to GND, VSHDN = VGND, TA = +25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
5.5
V
MAX4364
7
13
MAX4364, TA = TMIN to TMAX
17
MAX4365
5
8
Supply Current
ICC
(Note 4)
MAX4365, TA = TMIN to TMAX
11
mA
Shutdown Supply Current
ISHDN
VSHDN = VCC
0.01
4
µA
TA = +25°C
VCC x
0.7
VIH
TA = -40°C to +85°C
(Note 5)
VCC x
0.7
TA = +25°C
VCC x
0.3
SHDN Threshold
VIL
TA = -40°C to +85°C
(Note 5)
VCC x
0.3
V
Common-Mode Bias Voltage
VBIAS
(Note 6)
VCC/2 -
5%
VCC/2
VCC/2
+ 5%
V
Output Offset Voltage
VOS
IN- = OUT+, IN+ = BIAS (Note 7)
±1
±10
mV
VCC = 2.7V to 5.5V
DC
55
75
217Hz
68
Power-Supply Rejection Ratio
PSRR
VRIPPLE = 200mVP-P,
RL = 8
1kHz
58
dB
MAX4364
1200
1400
Output Power
POUT
RL = 8
Ω, THD+N = 1%,
fIN = 1kHz (Note 8)
MAX4365
800
1000
mW
Note 1: Continuous power dissipation must also be observed.
PACKAGE THERMAL CHARACTERISTICS (Note 2)
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
µMAX
Junction-to-Ambient Thermal Resistance (
θJA)......206.3°C/W
Junction-to-Case Thermal Resistance (
θJC)................42°C/W
TDFN
Junction-to-Ambient Thermal Resistance (
θJA)...........41°C/W
Junction-to-Case Thermal Resistance (
θJC)..................8°C/W
SO
Junction-to-Ambient Thermal Resistance (
θJA)......128.4°C/W
Junction-to-Case Thermal Resistance (
θJC)................36°C/W


Similar Part No. - MAX4364_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364-MAX4365 MAXIM-MAX4364-MAX4365 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4364ESA MAXIM-MAX4364ESA Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4364ESA/V+T MAXIM-MAX4364ESA/V+T Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results

Similar Description - MAX4364_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   Series 1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
   Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com