Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C61157-A7-A72 Datasheet(PDF) 3 Page - EPCOS

Part # C61157-A7-A72
Description  SAW RF low loss filter Satellite CSS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C61157-A7-A72 Datasheet(HTML) 3 Page - EPCOS

  C61157-A7-A72 Datasheet HTML 1Page - EPCOS C61157-A7-A72 Datasheet HTML 2Page - EPCOS C61157-A7-A72 Datasheet HTML 3Page - EPCOS C61157-A7-A72 Datasheet HTML 4Page - EPCOS C61157-A7-A72 Datasheet HTML 5Page - EPCOS C61157-A7-A72 Datasheet HTML 6Page - EPCOS C61157-A7-A72 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
December 18, 2009
B1655
1382.24 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =150 Ω (balanced) and matching network
Terminating load impedance:
ZL = 150 Ω (balanced) and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
1382.24
MHz
Maximum insertion attenuation
α
max
1362.24 ... 1402.24 MHz
3.0
4.5
dB
Pass bandwidth
α
rel < 1.5 dB
B1.5 dB
55.5
MHz
Amplitude ripple (p-p)
∆α
1362.24 ... 1402.24 MHz
1.2
2.0
dB
Input return loss
8.0
13.0
dB
Output return loss
8.0
13.0
dB
Group delay ripple (p-p)
∆τ
1362.24 ... 1402.24 MHz
15.0
40.0
ns
Differential to common mode ratio
(|Sdd21/Scd21|)
1362.24 ... 1402.24 MHz
22.0
30.0
dB
Deviation from linear phase (rms)
in any 30 MHz band
1362.24 ... 1402.24 MHz
5.0
8.0
˚
Relative attenuation
α
50.00 ... 1300.18 MHz
42.0
47.0
dB
1464.30 ... 2000.00 MHz
38.0
44.0
dB
2000.00 ... 6000.00 MHz
15.0
dB


Similar Part No. - C61157-A7-A72

ManufacturerPart #DatasheetDescription
logo
EPCOS
C61157-A7-A72 EPCOS-C61157-A7-A72 Datasheet
77Kb / 6P
   Low-Loss Filter
C61157-A7-A72 EPCOS-C61157-A7-A72 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
C61157-A7-A72 EPCOS-C61157-A7-A72 Datasheet
73Kb / 6P
   RF Filter For Dual Conversion
C61157-A7-A72 EPCOS-C61157-A7-A72 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
C61157-A7-A72 EPCOS-C61157-A7-A72 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
More results

Similar Description - C61157-A7-A72

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1652 EPCOS-B1652 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1661 EPCOS-B1661 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
B1654 EPCOS-B1654 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1658 EPCOS-B1658 Datasheet
63Kb / 7P
   SAW RF low loss filter Satellite CSS
B1668 EPCOS-B1668 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
B1656 EPCOS-B1656 Datasheet
57Kb / 7P
   SAW RF low loss filter Satellite CSS
B1666 EPCOS-B1666 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1667 EPCOS-B1667 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1653 EPCOS-B1653 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1657 EPCOS-B1657 Datasheet
58Kb / 7P
   SAW RF low loss filter Satellite CSS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com