Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4699 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4699
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4699 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4699_11 Datasheet HTML 3Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 4Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 5Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 6Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 7Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 8Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 9Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 10Page - Maxim Integrated Products MAX4699_11 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The MAX4699/MAX4701 are low-voltage CMOS analog
switches that operate from a single +1.8V to +5.5V
power supply. The MAX4702 requires an additional
logic supply that allows for setting lower logic thresh-
olds. The MAX4699/MAX4701 are double-pole/double-
throw (DPDT) devices. The MAX4702 is a quad
single-pole/double-throw (SPDT) device. These devices
feature a break-before-make switching, fast switching
speeds (with V+ = 5V: tON = 18ns max, tOFF = 9ns max
and with V+ = 3V: tON = 35ns, tOFF = 20) and rail-to-rail
signal handling. A logic input on the MAX4702 allows
for logic thresholds as low as 1.0V.
Applications Information
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be passed with very little change in on-
resistance (see
Typical Operating Characteristics). The
switches are bidirectional, so the NO, NC, and COM pins
can be used as either inputs or outputs.
_______________________________________________________________________________________
7
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
Pin Description
TQFN-EP PIN
TSSOP PIN
MAX4699/
MAX4701
MAX4702
MAX4701
MAX4702
NAME
FUNCTION
1
1
3
3
NC1
Analog Switch 1—Normally Closed Terminal
2
4
IN
Digital Control Input Switch 1, 2, 3, and 4
2
4
IN1, IN2
Digital Control Input Switch 1 and 2
3
3
5
5
NO2
Analog Switch 2—Normally Open Terminal
4
4
6
6
COM2
Analog Switch 2—Common Terminal
5
5
7
7
NC2
Analog Switch 2—Normally Closed Terminal
6
6
8
8
GND
Ground
7
7
9
9
NO3
Analog Switch 3—Normally Open Terminal
8
8
10
10
COM3
Analog Switch 3—Common Terminal
9
9
11
11
NC3
Analog Switch 3—Normally Closed Terminal
10
12
VL
Logic Power-Supply Input
10
12
IN3, IN4
Digital Control Input Switch 3 and 4
11
11
13
13
NO4
Analog Switch 4—Normally Open Terminal
12
12
14
14
COM4
Analog Switch 4—Common Terminal
13
13
15
15
NC4
Analog Switch 4—Normally Closed Terminal
14
14
16
16
V+
Positive Supply Voltage Input
15
15
1
1
NO1
Analog Switch 1—Normally Open Terminal
16
16
2
2
COM1
Analog Switch 1—Common Terminal
EP
Exposed Pad (TQFN Only). Connect EP to GND.
POSITIVE SUPPLY
COM
NO
D2
D1
GND
Vg
V+
MAX4699
MAX4701
MAX4702
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes


Similar Part No. - MAX4699_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699EGE MAXIM-MAX4699EGE Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699ETE++ MAXIM-MAX4699ETE+ Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
More results

Similar Description - MAX4699_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com