Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4701EUE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4701EUE
Description  Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4701EUE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4701EUE Datasheet HTML 3Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 4Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 5Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 6Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 7Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 8Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 9Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 10Page - Maxim Integrated Products MAX4701EUE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum rat-
ings because stresses beyond the listed ratings
may cause permanent damage to the devices.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not cur-
rent limited. If this sequencing is not possible, and if the
analog inputs are not current limited to <20mA, add a
small-signal diode (D1) as shown in Figure 1. If the ana-
log signal can dip below GND, add D2. Adding protec-
tion diodes reduces the analog range to a diode drop
(about 0.7V) below V+ (for D1), and a diode drop above
ground (for D2). On-resistance increases slightly at low
supply voltages. Maximum supply voltage (V+) must not
exceed +6V.
Adding protection diode D2 causes the logic threshold
to be shifted relative to GND. TTL compatibility is not
guaranteed when D2 is added.
Protection diodes D1 and D2 also protect against some
overvoltage situations. With Figure 1’s circuit, if the sup-
ply voltage is below the absolute maximum rating, and
if a fault voltage up to the absolute maximum rating is
applied to an analog signal pin, no damage will result.
VL Logic Input (MAX4702)
The MAX4702 features a VL logic input that allows for
lower logic input thresholds down to 1.0V min for VIH in
the quad SPDT configuration. Power-up VL after V+ has
been powered with a minimum of 1.5V to ensure proper
operation of the device.
Low-Voltage, Dual DPDT/Quad SPDT
Analog Switches in QFN
8
_______________________________________________________________________________________
tr < 5ns
tf < 5ns
50%
VIL
LOGIC
INPUT
RL
300
Ω
COM_
GND
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
VN_
VIH
tOFF
0
NO_
OR NC_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VOUT
MAX4699
MAX4701
MAX4702
Figure 2. Switching Time
50%
VIH
VIL
LOGIC
INPUT
VOUT
0.9 x VOUT
tD
LOGIC
INPUT
RL
300
Ω
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_
IN_
NC_
VOUT
V+
V+
CL
35pF
VN_
COM_
MAX4699
MAX4701
MAX4702
Figure 3. Break-Before-Make Interval
Test Circuits/Timing Diagrams


Similar Part No. - MAX4701EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4701EUE MAXIM-MAX4701EUE Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4701EUEE++ MAXIM-MAX4701EUEE+ Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
More results

Similar Description - MAX4701EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_08 Datasheet
138Kb / 9P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018_V01 Datasheet
154Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
01-Jan-2022
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com