Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4999 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4999
Description  USB 2.0 Hi-Speed Differential 8:1 Multiplexer Small 32-Pin, 5mm x 5mm, TQFN Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4999 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4999_11 Datasheet HTML 3Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 4Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 5Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 6Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 7Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 8Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 9Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 10Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
USB 2.0 Hi-Speed Differential
8:1 Multiplexer
_______________________________________________________________________________________
9
GND
VCC
+3.3V
USB7
+
-
D7_1
D7_0
USB6
+
-
D6_1
D6_0
USB5
+
-
D5_1
D5_0
25
26
28
29
31
32
USB0
+
-
D0_1
D0_0
USB1
+
-
D1_1
D1_0
USB2
+
-
D2_1
D2_0
16
15
13
12
10
9
USB3
+
-
USB4
-
+
23 22
19 18
COMMON
-
+
45
3 6 7
8
EN C0 C1 C2
1, 11, 14, 17,
21, 24, 27, 30
MAX4999
2, 20
Figure 4. The MAX4999 Multiplexes Between Eight Differential Channels (8:1)
USB D+, D- MUST BE REVERSED IF DEVICES ARE CONNECTED AS SHOWN,
THIS IS TRUE OF D0_ _ TO D7_ _. C0, C1, C2 ARE CONNECTED IN PARALLEL.
EN0 AND EN1 ARE USED TO SELECT BETWEEN DEVICE 0 AND DEVICE 1.
ONE PAIR SHOWN
+
-
16
15
D20
+
-
15
16
D20
4
5
1
8
5
4
1
+
+
C2 C1 C0 EN0
EN1
6
7
8
USB TYPE A
COMMON
7
6
3
3
MAX4999
DEVICE 0
MAX4999
DEVICE 1
Figure 5. Combining Two MAX4999 Devices for 16:1 USB Connections


Similar Part No. - MAX4999_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4999ETJ MAXIM-MAX4999ETJ Datasheet
140Kb / 10P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
Rev 0; 5/08
MAX4999ETJ++ MAXIM-MAX4999ETJ+ Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
MAX4999 MAXIM-MAX4999_V01 Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
More results

Similar Description - MAX4999_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4999 MAXIM-MAX4999_V01 Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
MAX4999 MAXIM-MAX4999 Datasheet
140Kb / 10P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
Rev 0; 5/08
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
Maxim Integrated Produc...
MAX20042F MAXIM-MAX20042F Datasheet
1Mb / 16P
   Automotive Hi-Speed USB 2.0 Protectors
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com