Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4999 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4999
Description  USB 2.0 Hi-Speed Differential 8:1 Multiplexer Small 32-Pin, 5mm x 5mm, TQFN Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4999 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4999_11 Datasheet HTML 1Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 2Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 3Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 4Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 5Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 6Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 7Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 8Page - Maxim Integrated Products MAX4999_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
USB 2.0 Hi-Speed Differential
8:1 Multiplexer
_______________________________________________________________________________________
5
Test Circuits/Timing Diagrams (continued)
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND "OFF" USB_ TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM_ AND "ON" USB_ TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE USB_ CHANNEL TO ANOTHER USB_ CHANNEL.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VCC
VOUT
VIN
GND
V+
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
50
50
OFF-ISOLATION = 20log
ON-LOSS = 20log
CROSSTALK = 20log
50
REF.
C1
VOUT
VIN
VOUT
VIN
C0
CHANNEL
SELECT
EN
HIGH
D_ _ _
COM_
0.1
µF
MAX4999
C2
Figure 3. Off-Isolation, On-Loss, and Crosstalk


Similar Part No. - MAX4999_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4999ETJ MAXIM-MAX4999ETJ Datasheet
140Kb / 10P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
Rev 0; 5/08
MAX4999ETJ++ MAXIM-MAX4999ETJ+ Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
MAX4999 MAXIM-MAX4999_V01 Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
More results

Similar Description - MAX4999_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4999 MAXIM-MAX4999_V01 Datasheet
174Kb / 11P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
19-4127; Rev 2; 3/15
MAX4999 MAXIM-MAX4999 Datasheet
140Kb / 10P
   USB 2.0 Hi-Speed Differential 8:1 Multiplexer
Rev 0; 5/08
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
Maxim Integrated Produc...
MAX20042F MAXIM-MAX20042F Datasheet
1Mb / 16P
   Automotive Hi-Speed USB 2.0 Protectors
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com