Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39192-B1660-B510 Datasheet(PDF) 6 Page - EPCOS

Part # B39192-B1660-B510
Description  SAW RF low loss filter Satellite CSS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39192-B1660-B510 Datasheet(HTML) 6 Page - EPCOS

  B39192-B1660-B510 Datasheet HTML 1Page - EPCOS B39192-B1660-B510 Datasheet HTML 2Page - EPCOS B39192-B1660-B510 Datasheet HTML 3Page - EPCOS B39192-B1660-B510 Datasheet HTML 4Page - EPCOS B39192-B1660-B510 Datasheet HTML 5Page - EPCOS B39192-B1660-B510 Datasheet HTML 6Page - EPCOS B39192-B1660-B510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
January 07, 2010
B1660
1892.54 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
References
Type
B1660
Ordering code
B39192-B1660-B510
Marking and package
C61157-A7-A72
Packaging
F61074-V8168-Z000
Date codes
L_1126
S-parameters
B1660_NB.s4p
see file header for port/pin assignment table.
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2010. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B39192-B1660-B510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39192-B3511-U810 EPCOS-B39192-B3511-U810 Datasheet
47Kb / 5P
   SAW Components Low-Loss Filter for Telematics Application
B39192-B3516-U410 EPCOS-B39192-B3516-U410 Datasheet
65Kb / 7P
   SAW Components
B39192-B3824-U810 EPCOS-B39192-B3824-U810 Datasheet
54Kb / 5P
   Low-Loss Filter
B39192-B4218-U810 EPCOS-B39192-B4218-U810 Datasheet
184Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 1865,0 & 1895,0 MHz
B39192-B7631-D910 EPCOS-B39192-B7631-D910 Datasheet
118Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1765 / 1855 MHz
More results

Similar Description - B39192-B1660-B510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1652 EPCOS-B1652 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1661 EPCOS-B1661 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
B1654 EPCOS-B1654 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1658 EPCOS-B1658 Datasheet
63Kb / 7P
   SAW RF low loss filter Satellite CSS
B1668 EPCOS-B1668 Datasheet
72Kb / 7P
   SAW RF low loss filter Satellite CSS
B1655 EPCOS-B1655 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1656 EPCOS-B1656 Datasheet
57Kb / 7P
   SAW RF low loss filter Satellite CSS
B1666 EPCOS-B1666 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1667 EPCOS-B1667 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1653 EPCOS-B1653 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1657 EPCOS-B1657 Datasheet
58Kb / 7P
   SAW RF low loss filter Satellite CSS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com