Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5035AASA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5035AASA
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035AASA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5035AASA Datasheet HTML 4Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 5Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 6Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 7Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 8Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 9Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 10Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 11Page - Maxim Integrated Products MAX5035AASA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
MAX5035DASA LX WAVEFORMS
MAX5035 toc22
4
µs/div
B
A
A: SWITCH VOLTAGE (LX PIN), 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (IOUT = 0)
0
0
MAX5035DASA STARTUP WAVEFORM
(IO = 0)
MAX5035 toc23
1ms/div
B
A
A: VON/OFF, 2V/div
B: VOUT, 2V/div
0
0
MAX5035DASA STARTUP WAVEFORM
(IO = 1A)
MAX5035 toc24
1ms/div
B
A
A: VON/OFF, 2V/div
B: VOUT, 2V/div
0
0
PEAK SWITCH CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
56
66
46
36
26
16
1.0
1.5
2.0
2.5
3.0
0.5
676
MAX5035DASA
VOUT = 5V
5% DROP IN VOUT


Similar Part No. - MAX5035AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035AASA MAXIM-MAX5035AASA Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035AASA/V++ MAXIM-MAX5035AASA/V+ Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
More results

Similar Description - MAX5035AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com