Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6896AALT Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6896AALT
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6896AALT Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6896AALT Datasheet HTML 6Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 7Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 8Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 9Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 10Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 11Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 12Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 13Page - Maxim Integrated Products MAX6896AALT Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
10
______________________________________________________________________________________
Enable Input (ENABLE or
ENABLE)
The MAX6895/MAX6897 offer an active-high enable
input (ENABLE), while the MAX6896/MAX6898/MAX6899
offer an active-low enable input (ENABLE). With VIN above
VTH, drive ENABLE high (ENABLE low) to force OUT high
(OUT low) after the adjustable delay time (A versions). For
P version devices, when VIN > 0.5V and enable is assert-
ed, the output asserts after typically 150ns.
The enable input has logic-high and logic-low voltage
thresholds of 1.4V and 0.4V, respectively. For both ver-
sions, when VIN > 0.5V, drive ENABLE low (ENABLE
high) to force OUT low (OUT high) within 150ns typ.
Output (OUT or
OUT)
The MAX6895/MAX6899 offer an active-high, push-pull
output (OUT), and the MAX6896 offers an active-low
push-pull output (OUT). The MAX6897 offers an active-
high open-drain output (OUT), and the MAX6898 offers
an active-low open-drain output (OUT).
Push-pull output devices are referenced to VCC. Open-
drain outputs can be pulled up to 28V.
Applications Information
Input Threshold
The MAX6895–MAX6899 monitor the voltage on IN with
an external resistive divider (see R1 and R2 in the
Typical Operating Circuit). Connect R1 and R2 as close
to IN as possible. R1 and R2 can have very high values
to minimize current consumption due to low IN leakage
currents (±15nA max). Set R2 to some conveniently
high value (1MΩ, for example) and calculate R1 based
on the desired monitored voltage using the following
formula:
where VMONITOR is the desired monitored voltage and
VIN is the detector input threshold (0.5V).
RR
V
V
MONITOR
IN
12
1
Figure 7. MAX6899P Timing Diagram
VCC
VUVLO
tPROPP
tDL
tOFF
tDELAY
t > tPW
tPROPP
IN
ENABLE
OUT


Similar Part No. - MAX6896AALT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6896AALT MAXIM-MAX6896AALT Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6896AALT++ MAXIM-MAX6896AALT+ Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6896AALT++ MAXIM-MAX6896AALT+ Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6896AALT++ MAXIM-MAX6896AALT+ Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6896AALT++ MAXIM-MAX6896AALT+ Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
More results

Similar Description - MAX6896AALT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com