Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7034 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7034
Description  315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7034 Datasheet HTML 1Page - Maxim Integrated Products MAX7034 Datasheet HTML 2Page - Maxim Integrated Products MAX7034 Datasheet HTML 3Page - Maxim Integrated Products MAX7034 Datasheet HTML 4Page - Maxim Integrated Products MAX7034 Datasheet HTML 5Page - Maxim Integrated Products MAX7034 Datasheet HTML 6Page - Maxim Integrated Products MAX7034 Datasheet HTML 7Page - Maxim Integrated Products MAX7034 Datasheet HTML 8Page - Maxim Integrated Products MAX7034 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
315MHz/434MHz ASK Superheterodyne
Receiver
_______________________________________________________________________________________
5
Typical Operating Characteristics
(
Typical Application Circuit, VDD5 = +5.0V, fRF = 433.92MHz, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
4.7
4.9
5.1
5.3
5.5
6.6
7.0
6.8
7.2
7.4
7.6
7.8
+105
°C
+125
°C
+85
°C
+25
°C
-40
°C
SUPPLY CURRENT vs. RF FREQUENCY
RF FREQUENCY (MHz)
250
300
350
400
450
500
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
+105
°C
+125
°C
+85
°C
+25
°C
-40
°C
BIT-ERROR RATE
vs. PEAK RF INPUT POWER
PEAK RF INPUT POWER (dBm)
-130
-125
-120
-115
-110
0.01
0.10
1.00
10.00
100.00
315MHz
433.92MHz
SENSITIVITY vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
110
-120
-118
-116
-114
-112
-110
-108
-106
-104
-102
433.92MHz
315MHz
RSSI vs. RF INPUT POWER
RF INPUT POWER (dBm)
-140 -120 -100
-80
-60
-40
-20
0
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
IF BANDWIDTH = 280kHz
RSSI AND DELTA vs. IF INPUT POWER
IF INPUT POWER (dBm)
MAX7034 toc06
-25
-20
-15
-10
-5
0
5
10
15
-90 -80 -70 -60 -50 -40 -30 -20 -10
0
10
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
RSSI
DELTA
LNA/MIXER VOLTAGE GAIN
vs. IF FREQUENCY
IF FREQUENCY (MHz)
0
5
10
15
20
25
30
-5
5
15
25
35
45
55
65
UPPER SIDEBAND
LOWER SIDEBAND
49.7dB
IMAGE
REJECTION
IMAGE REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
280 300 320 340 360 380 400 420 440 460 480
0
10
20
30
40
50
60
fRF = 315MHz
fRF = 433.92MHz
IMAGE REJECTION vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
110
40
42
44
46
48
50
52
433.92MHz
315MHz


Similar Part No. - MAX7034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7034AUI+T MAXIM-MAX7034AUI+T Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results

Similar Description - MAX7034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com