Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7034AUIVT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7034AUIVT
Description  315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034AUIVT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7034AUIVT Datasheet HTML 1Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 2Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 3Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 4Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 5Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 6Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 7Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 8Page - Maxim Integrated Products MAX7034AUIVT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX7034 fully integrated low-power CMOS super-
heterodyne receiver is ideal for receiving amplitude-
shift-keyed (ASK) data in the 300MHz to 450MHz
frequency range (including the popular 315MHz and
433.92MHz frequencies). The receiver has an RF sensi-
tivity of -114dBm. With few external components and a
low-current power-down mode, it is ideal for cost-sensi-
tive and power-sensitive applications typical in the
automotive and consumer markets. The MAX7034 con-
sists of a low-noise amplifier (LNA), a fully differential
image-rejection mixer, an on-chip phase-locked loop
(PLL) with integrated voltage-controlled oscillator
(VCO), a 10.7MHz IF limiting amplifier stage with
received-signal-strength indicator (RSSI), and analog
baseband data-recovery circuitry.
The MAX7034 is available in a 28-pin (9.7mm x 4.4mm)
TSSOP package and is specified over the automotive
(-40°C to +125°C) temperature range.
Features
o Optimized for 315MHz or 433.92MHz Band
o Operates from Single +5.0V Supply
o Selectable Image-Rejection Center Frequency
o Selectable x64 or x32 fLO/fXTAL Ratio
o Low (< 6.7mA) Operating Supply Current
o < 3.0µA Low-Current Power-Down Mode for
Efficient Power Cycling
o 250µs Startup Time
o Built-In 44dB RF Image Rejection
o Excellent Receive Sensitivity Over Temperature
o -40°C to +125°C Operation
315MHz/434MHz ASK Superheterodyne
Receiver
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
XTAL2
SHDN
PDOUT
DATAOUT
DSP
EN_REG
DFFB
OPP
DSN
DFO
IFIN2
IFIN1
XTALSEL
DVDD
DGND
MIXOUT
IRSEL
AGND
MIXIN2
MIXIN1
AVDD
LNAOUT
AGND
LNASRC
LNAIN
AVDD
VDD5
XTAL1
TSSOP
TOP VIEW
MAX7034
+
Pin Configuration
Ordering Information
Applications
19-3109; Rev 2; 5/11
/V denotes an automotive qualified part.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Typical Application Circuit appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX7034AUI/V+T
-40
°C to +125°C
28 TSSOP
Automotive Remote
Keyless Entry
Security Systems
Garage Door Openers
Home Automation
Remote Controls
Local Telemetry
Wireless Sensors


Similar Part No. - MAX7034AUIVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034AUI+T MAXIM-MAX7034AUI+T Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7034AUI/V+T MAXIM-MAX7034AUI/V+T Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
More results

Similar Description - MAX7034AUIVT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com