Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6895PAZ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6895PAZ
Description  Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6895PAZ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6895PAZ Datasheet HTML 1Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 2Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 3Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 4Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 5Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 6Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 7Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 8Page - Maxim Integrated Products MAX6895PAZ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6895–MAX6899 is a family of small, low-power,
voltage-monitoring circuits with sequencing capability.
These miniature devices offer tremendous flexibility with
an adjustable threshold capable of monitoring down to
0.5V and an external capacitor-adjustable time delay.
These devices are ideal for use in power-supply
sequencing, reset sequencing, and power-switching
applications. Multiple devices can be cascaded for
complex sequencing applications.
A high-impedance input with a 0.5V threshold allows an
external resistive divider to set the monitored threshold.
The output asserts (OUT = high or OUT = low) when
the input voltage rises above the 0.5V threshold and the
enable input is asserted (ENABLE = high or ENABLE =
low). When the voltage at the input falls below 0.5V or
when the enable input is deasserted (ENABLE = low or
ENABLE = high), the output deasserts (OUT = low or
OUT = high). All devices provide a capacitor-program-
mable delay time from when the input rises above 0.5V
to when the output is asserted. The MAX689_A versions
provide the same capacitor-adjustable delay from when
enable is asserted to when the output asserts. The
MAX689_P devices have a 1µs propagation delay from
when enable is asserted to when the output asserts.
The MAX6895A/P offers an active-high enable input
and an active-high push-pull output. The MAX6896A/P
offers an active-low enable input and an active-low
push-pull output. The MAX6897A/P offers an active-
high enable input and an active-high open-drain output.
Finally, the MAX6898A/P offers an active-low enable
input and an active-low open-drain output. The
MAX6899A/P offers an active-low enable with an active-
high push-pull output.
All devices operate from a 1.5V to 5.5V supply voltage
and are fully specified over the -40°C to +125°C operat-
ing temperature range. These devices are available in
ultra-small 6-pin µDFN (1.0mm x 1.5mm) and thin
SOT23 (1.60mm x 2.90mm) packages.
Applications
Automotive
Computers/Servers
Medical Equipment
Critical µP Monitoring
Intelligent Instruments
Set-Top Boxes
Portable Equipment
Telecom
Features
♦ 1.8% Accurate Adjustable Threshold Over
Temperature
♦ Operate from VCC of 1.5V to 5.5V
♦ Capacitor-Adjustable Delay
♦ Active-High/-Low Enable Input Options
♦ Active-High/-Low Output Options
♦ Open-Drain (28V Tolerant)/Push-Pull Output
Options
♦ Low Supply Current (10µA, typ)
♦ Fully Specified from -40°C to +125°C
♦ Ultra-Small 6-Pin µDFN Package or Thin SOT23
Package
Ultra-Small, Adjustable
Sequencing/Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
12
3
65
4
OUT
( ) FOR MAX6899 ONLY.
VCC
CDELAY
ENABLE
(ENABLE)
IN
GND
MAX6895
MAX6897
MAX6899
µDFN
TOP VIEW
Pin Configurations
Ordering Information
19-3673; Rev 8; 7/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuit and Selector Guide appear at end
of data sheet.
Pin Configurations continued at end of data sheet.
Ordering Information continued at end of data sheet.
Note: All devices are specified over the -40°C to +125°C oper-
ating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
PART
PIN-PACKAGE
TOP MARK
MAX6895AALT+
6 µDFN
+AW
MAX6895AAZT+
6 Thin SOT23
+AADK
MAX6895PALT+T
6 µDFN
+AX
MAX6895PAZT+
6 Thin SOT23
+AADL
MAX6896AALT+
6 µDFN
+AY
MAX6896AAZT+
6 Thin SOT23
+AADO
MAX6896AAZT/V+T
6 Thin SOT23
+AATA
MAX6896PALT+T
6 µDFN
+AZ
MAX6896PAZT+
6 Thin SOT23
+AADP
MAX6896PAZT/V+T
6 Thin SOT23


Similar Part No. - MAX6895PAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895PAZT MAXIM-MAX6895PAZT Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895PAZT++ MAXIM-MAX6895PAZT+ Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
More results

Similar Description - MAX6895PAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com