Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39212-B1668-U510 Datasheet(PDF) 3 Page - EPCOS

Part # B39212-B1668-U510
Description  SAW RF low loss filter Satellite CSS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39212-B1668-U510 Datasheet(HTML) 3 Page - EPCOS

  B39212-B1668-U510 Datasheet HTML 1Page - EPCOS B39212-B1668-U510 Datasheet HTML 2Page - EPCOS B39212-B1668-U510 Datasheet HTML 3Page - EPCOS B39212-B1668-U510 Datasheet HTML 4Page - EPCOS B39212-B1668-U510 Datasheet HTML 5Page - EPCOS B39212-B1668-U510 Datasheet HTML 6Page - EPCOS B39212-B1668-U510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
October 01, 2010
B1668
2040.00 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200Ω (balanced) and matching network
Terminating load impedance:
ZL =50Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
2040.00
MHz
Maximum insertion attenuation
α
max
2010.0
... 2070.0
MHz
3.0
4.0
dB
Amplitude ripple
in any 30MHz band (p-p)
∆α
2010.0
... 2070.0
MHz
1.1
2.5
dB
Amplitude ripple (p-p)
∆α
2010.0
... 2070.0
MHz
1.2
2.5
dB
Differential to common mode ratio
(|Sdd21/Scd21|)
2010.0
... 2070.0
MHz
16.0
19.0
dB
Input return loss
6.0
8.0
dB
Output return loss
6.0
9.0
dB
Attenuation
α
50.0
...
900.0
MHz
35
45
dB
1180.0
... 1650.0
MHz
30
40
dB
1650.0
... 1710.0
MHz
30
35
dB
2140.0
... 5000.0
MHz
16
20
dB
Group delay ripple (p-p)
2010.0
... 2070.0
MHz
15
35
ns


Similar Part No. - B39212-B1668-U510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39212-B1662-B510 EPCOS-B39212-B1662-B510 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
More results

Similar Description - B39212-B1668-U510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1652 EPCOS-B1652 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1661 EPCOS-B1661 Datasheet
65Kb / 7P
   SAW RF low loss filter Satellite CSS
B1654 EPCOS-B1654 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1658 EPCOS-B1658 Datasheet
63Kb / 7P
   SAW RF low loss filter Satellite CSS
B1655 EPCOS-B1655 Datasheet
56Kb / 7P
   SAW RF low loss filter Satellite CSS
B1656 EPCOS-B1656 Datasheet
57Kb / 7P
   SAW RF low loss filter Satellite CSS
B1666 EPCOS-B1666 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1667 EPCOS-B1667 Datasheet
71Kb / 7P
   SAW RF low loss filter Satellite CSS
B1653 EPCOS-B1653 Datasheet
64Kb / 7P
   SAW RF low loss filter Satellite CSS
B1657 EPCOS-B1657 Datasheet
58Kb / 7P
   SAW RF low loss filter Satellite CSS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com