Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1715 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1715
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1715 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1715 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1715 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1715 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 7. 24
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1715
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
POWER AMPLIFIER APPLICATION.
POWER SWITCHING APPLICATION.
FEATURES
Low Collector Saturation Voltage
: VCE(sat)=-0.5V(Max.) (IC=-1A)
High Speed Switching Time : tstg=1 S(Typ.)
Complementary to KTC2814.
MAXIMUM RATING (Ta=25 )
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. EMITTER
2. COLLECTOR
3. BASE
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.2 0.1
3.5
11.0 0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75 0.15
2.3 0.1
0.65 0.15
1.6
3.4 MAX
B
1
23
+_
+_
+_
15.50 0.5
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification O:70 140, Y:120 240
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Collector Power
Dissipation
Ta=25
PC
1.5
W
Tc=25
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-50
-
-
V
DC Current Gain
hFE (1) (Note)
VCE=-2V, IC=-0.5A
70
-
240
hFE (2)
VCE=-2V, IC=-1.5A
40
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1A, IB=-0.05A
-
-
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-1A, IB=-0.05A
-
-
-1.2
V
Transition Frequency
fT
VCE=-2V, IC=-0.5A
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
30
-
pF
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V =-30V
IB2
IB2
20µs
-I =I =0.05A
1%
B1 B2
OUTPUT
DUTY CYCLE
INPUT
<=
-
0.1
-
S
Storage Time
tstg
-
1.0
-
Fall Time
tf
-
0.1
-


Similar Part No. - KTA1715

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1715 KEC-KTA1715 Datasheet
460Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
logo
Foshan Blue Rocket Elec...
KTA1715 FOSHAN-KTA1715 Datasheet
860Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
logo
KEC(Korea Electronics)
KTA1715 KEC-KTA1715 Datasheet
414Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1715 KEC-KTA1715_15 Datasheet
414Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1715

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com