Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7313 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7313
Description  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7313_11 Datasheet HTML 1Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 2Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 3Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 4Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 5Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 6Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 7Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 8Page - Maxim Integrated Products MAX7313_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
_______________________________________________________________________________________
5
PORT OUTPUT LOW VOLTAGE WITH 50mA
LOAD CURRENT vs. TEMPERATURE
0.1
0.2
0.3
0.4
0.5
0.6
0
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
V+ = 3.6V
V+ = 2.7V
V+ = 2V
PORT OUTPUT LOW VOLTAGE WITH 20mA
LOAD CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
0.2
0.3
0.4
0.5
0.6
0
-40
125
ALL OUTPUTS LOADED
V+ = 3.6V
V+ = 2.7V
V+ = 2V
PWM CLOCK FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.950
1.000
1.050
0.900
0.925
0.975
1.025
-40
125
V+ = 3.6V
V+ = 2V
V+ = 2.7V
NORMALIZED TO V+ = 3.3V, TA = +25
°C
SCOPE SHOT OF 2 OUTPUT PORTS
MAX7313 toc07
2ms/div
OUTPUT 1
2V/div
OUTPUT 2
2V/div
MASTER INTENSITY SET TO 1/15
OUTPUT 1 INDIVIDUAL INTENSITY
SET TO 1/16
OUTPUT 2 INDIVIDUAL INTENSITY
SET TO 15/16
SCOPE SHOT OF 2 OUTPUT PORTS
MAX7313 toc08
2ms/div
OUTPUT 1
2V/div
OUTPUT 2
2V/div
OUTPUT 1 INDIVIDUAL INTENSITY
SET TO 1/16
MASTER INTENSITY SET TO 14/15
OUTPUT 2 INDIVIDUAL INTENSITY
SET TO 14/15
SINK CURRENT vs. VOL
SINK CURRENT (mA)
50
40
30
20
10
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
0
V+ = 2V
V+ = 2.7V
ONLY ONE OUTPUT LOADED
V+ = 3.3V
V+ = 3.6V
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX7313_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7313AEG MAXIM-MAX7313AEG Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313ATG MAXIM-MAX7313ATG Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
More results

Similar Description - MAX7313_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7314 MAXIM-MAX7314 Datasheet
402Kb / 25P
   18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
MAX7311 MAXIM-MAX7311 Datasheet
376Kb / 16P
   2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 4; 4/05
MAX7318 MAXIM-MAX7318 Datasheet
312Kb / 16P
   2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection
Rev 2; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com